Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


MXR7311GL Datasheet(Arkusz danych) 3 Page - List of Unclassifed Manufacturers

Numer części MXR7311GL
Szczegółowy opis  Low Cost, Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
Pobierz  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo 

   
 3 page
background image
MEMSIC MXR7311GL Rev.D
Page 3 of 3
2004.03.15
Caution: ESD (electrostatic discharge) sensitive device.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (VDD)
………………...-0.5 to +7.0V
Storage Temperature ……….…………-65
°C to +150°C
Acceleration ……………………………………..50,000 g
*Stresses above those listed under Absolute Maximum Ratings may cause permanent
damage to the device. This is a stress rating only; the functional operation of the
device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Pin Description: LCC-8 Package
Pin
Name
Description
1
NC
Do Not Connect
2
TP
Connect to ground
3
COM
Common
4
NC
Do Not Connect
5
NC
Do Not Connect
6
Yout
Y Channel Output
7
Xout
X Channel Output
8
VDD
2.7V to 5.25V
Ordering Guide
Model
Package
Style
Temperature
Range
Device
Weight
MXR7311GL
LCC - 8
0 to 70
°C
<1.0 gram
All parts are shipped in tape and reel packaging.
Note: The MEMSIC logo’s arrow indicates the -X sensing
direction of the device. The +Y sensing direction is rotated 90°
away from the +X direction following the right-hand rule. Small
circle indicates pin one(1).
THEORY OF OPERATION
The MEMSIC device is a complete dual-axis acceleration
measurement system fabricated on a monolithic CMOS IC
process. The device operation is based on heat transfer by
natural convection and operates like other accelerometers
having a proof mass. The stationary element, or ‘proof
mass’, in the MEMSIC sensor is a gas.
A single heat source, centered in the silicon chip is
suspended across a cavity. Equally spaced
aluminum/polysilicon thermopiles (groups of
thermocouples) are located equidistantly on all four sides of
the heat source (dual axis). Under zero acceleration, a
temperature gradient is symmetrical about the heat source,
so that the temperature is the same at all four thermopiles,
causing them to output the same voltage.
Acceleration in any direction will disturb the temperature
profile, due to free convection heat transfer, causing it to be
asymmetrical. The temperature, and hence voltage output
of the four thermopiles will then be different. The
differential voltage at the thermopile outputs is directly
proportional to the acceleration. There are two identical
acceleration signal paths on the accelerometer, one to
measure acceleration in the x-axis and one to measure
acceleration in the y-axis. Please visit the MEMSIC
website at www.memsic.com for a picture/graphic
description of the free convection heat transfer principle.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
MXR7202GLow Cost Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR7210GLow Cost Low Noise ±10 g Dual Axis Accelerometer with Ratiometric Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA6500GLow Cost Low Noise ±1 g Dual Axis Accelerometer with Absolute Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXR2312GImproved Ultra Low Noise ±2 g Dual Axis Accelerometer with Ratiometric Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7202GLLow Cost Low Noise ±2 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500ELUltra Low Noise Offset Drift 1 g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX210QLow Cost 10g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXA2500UUltra Low Noise 1g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MXD7210GLLow Cost Low Noise +-10 g Dual Axis Accelerometer with Digital Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MX205QLow Cost 5.0g Dual Axis Accelerometer with Analog Outputs 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl