Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54F407FMQB Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 54F407FMQB
Szczegółowy opis  DATA ACCESS REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F407FMQB Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  54F407FMQB Datasheet HTML 1Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 2Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 3Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 4Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 5Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 6Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 7Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 8Page - National Semiconductor (TI) 54F407FMQB Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Ambient Temperature under Bias
b
55 Cto a125 C
Junction Temperature under Bias
b
55 Cto a175 C
VCC Pin Potential to
Ground Pin
b
05V to a70V
Input Voltage (Note 2)
b
05V to a70V
Input Current (Note 2)
b
30 mA to a50 mA
Voltage Applied to Output
in HIGH State (with VCC e 0V)
Standard Output
b
05V to VCC
TRI-STATE Output
b
05V to a55V
Current Applied to Output
in LOW State (Max)
twice the rated IOL (mA)
Note 1
Absolute maximum ratings are values beyond which the device may
be damaged or have its useful life impaired Functional operation under
these conditions is not implied
Note 2
Either voltage limit or current limit is sufficient to protect inputs
Recommended Operating
Conditions
Free Air Ambient Temperature
Military
b
55 Cto a125 C
Supply Voltage
Military
a
45V to a55V
DC Electrical Characteristics
Symbol
Parameter
54F
Units
VCC
Conditions
Min
Typ
Max
VIH
Input HIGH Voltage
20
V
Recognized as a HIGH Signal
VIL
Input LOW Voltage
08
V
Recognized as a LOW Signal
VCD
Input Clamp Diode Voltage
b
15
V
Min
IIN eb18 mA
VOH
Output HIGH
54F 10% VCC
24
V
Min
IOH eb04 mA (CO)
Voltage
54F 10% VCC
24
IOH eb2mA(X0–X3 O0–O3)
VOL
Output LOW
54F 10% VCC
05
V
Min
IOL e 4mA(CO)
Voltage
54F 10% VCC
05
IOL e 8mA(X0–X3 O0–O3)
IIH
Input HIGH Current
54F
200
m
A
Max
VIN e 27V
IBVI
Input HIGH Current
54F
100
m
A
Max
VIN e 70V
Breakdown Test
ICEX
Output HIGH
54F
250
m
A
Max
VOUT e VCC
Leakage Current
IIL
Input LOW Current
b
04
mA
Max
VIN e 05V
IOZH
Output Leakage Current
50
m
A
Max
VOUT e 27V (X0–X3 O0–O3)
IOZL
Output Leakage Current
b
50
m
A
Max
VOUT e 05V (X0–X3 O0–O3)
IOS
Output Short-Circuit Current
b
30
b
100
mA
Max
VOUT e 0V
ICC
Power Supply Current
90
145
mA
Max
5


Podobny numer części - 54F407FMQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54F402 NSC-54F402 Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
54F402DM NSC-54F402DM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
54F402FM NSC-54F402FM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
54F402LM NSC-54F402LM Datasheet
177Kb / 12P
   Serial Data Polynomial Generator/Checker
More results

Podobny opis - 54F407FMQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OmniVision Technologies...
OX01B40 OMNIVISION-OX01B40 Datasheet
628Kb / 2P
   SCCB for register access
logo
NXP Semiconductors
74F199 PHILIPS-74F199 Datasheet
68Kb / 8P
   8-bit parallel-access shift register
June 15, 1988
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Mitel Networks Corporat...
MH88435 MITEL-MH88435 Datasheet
141Kb / 5P
   Data Access Arrangement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com