Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12QS065EVAL Arkusz danych(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC12QS065EVAL
Szczegółowy opis  Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC12QS065EVAL Arkusz danych(HTML) 5 Page - National Semiconductor (TI)

  ADC12QS065EVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC12QS065EVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Absolute Maximum Ratings (Notes 1,
2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
A,VD,VDR
3.8V
|V
A–VD|
≤ 100 mV
Voltage on any pin to GND (valid for
pins 1-30 and 51-64)
−0.3V to (V
A or VD
+0.3V)
Voltage on any Pin to GND (valid
for pins 31-50)
-0.3V to 2.2V
Input Current at Any Pin (Note 3)
±25 mA
Package Input Current (Note 3)
±50 mA
Package Dissipation at T
A = 25˚C
See (Note 4)
LVDS Output Short Circuit Duration
10 ms
ESD Susceptibility
Human Body Model (Note 5)
2500V
Machine Model (Note 5)
250V
Soldering Temperature,
Infrared, 10 sec. (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage (V
A,VD,VDR)
+2.7V to +3.6V
V
IN Differential Input Range
±V
REF
V
CM Input Common Mode
Range (Differential Input)
V
REF/2 to (VA -VREF/2 )
V
REF Voltage Range
0.5V to 1.0V
Digital Input Pins Voltage
Range (excludes pins 31 to
50)
−0.3V to (V
A + 0.3V)
|AGND–DGND|
≤100mV
Clock Duty Cycle
30% to 70%
Converter Electrical Characteristics
NOTE: This product is currently under development. As such, the parameters specified in this section are DESIGN
TARGETS. The specifications in this section cannot be guaranteed until device characterization has taken place. Un-
less otherwise specified, the following specifications apply for AGND = DGND = DRGND = 0V, V
A =VD =VDR= +3.0V, VIN =
2V
P-P ,VREF = +1.0V external, VCOM=1.5V, fCLK = 65 MHz, fIN = 10 MHz, tr =tf = 2 ns, CL = 15 pF/pin. Boldface limits apply
for T
J =TMIN to TMAX: all other limits TJ = 25˚C (Notes 7, 8, 9)
Symbol
Parameter
Conditions
Typical
(Note 10)
Limits
(Note 10)
Units
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
12
Bits (min)
INL
Integral Non Linearity (Note 11)
±0.6
LSB (max)
DNL
Differential Non Linearity
±0.3
LSB (max)
GE
Positive Gain Error
±0.5
%FS (max)
NGE
Negative Gain Error
±0.5
%FS (max)
TC GE
Gain Error Tempco
−40˚C
≤ T
A
≤ +85˚C
5
ppm/˚C
V
OFF
Offset Error (V
IN+=VIN−)
±0.15
%FS (max)
%FS (min)
TC
V
OFF
Offset Error Tempco
−40˚C
≤ T
A
≤ +85˚C
4
ppm/˚C
Under Range Output Code
0
0
Over Range Output Code
4095
4095
REFERENCE AND ANALOG INPUT CHARACTERISTICS
V
CM
Common Mode Input Voltage
1.5
0.5
V (min)
2.0
V (max)
V
IN
Analog Differential Input Range
2.0
V
P-P
C
IN
V
IN Input Capacitance (each pin to
GND)
V
IN = 2.5 Vdc
+ 0.7 V
rms
(CLK LOW)
8
pF
(CLK HIGH)
3
pF
V
REF
External Reference Voltage (Note
13)
1.00
0.8
V (min)
1.2
V (max)
I
REF
Reference Input Current
<1µA
TCV
CMO
Reference Temperature Coefficient
80
ppm/˚C
www.national.com
5


Podobny numer części - ADC12QS065EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065CISQ/NOPB TI1-ADC12QS065CISQ/NOPB Datasheet
1Mb / 34P
[Old version datasheet]   MSPS A/D Converter
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
ADC12QS065 TI1-ADC12QS065_15 Datasheet
1Mb / 34P
[Old version datasheet]   MSPS A/D Converter
More results

Podobny opis - ADC12QS065EVAL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12QS065 TI1-ADC12QS065_14 Datasheet
1Mb / 33P
[Old version datasheet]   Quad 12-Bit 65 MSPS A/D Converter with LVDS Serialized Outputs
logo
Analog Devices
AD9229 AD-AD9229 Datasheet
471Kb / 15P
   Quad 12-Bit, 50/65 MSPS Serial LVDS 3V A/D Converter
Rev. PrF 10/06/2003
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9229-65EBZ AD-AD9229-65EBZ Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9229 AD-AD9229_15 Datasheet
789Kb / 40P
   Quad, 12-Bit, 50/65 MSPS, Serial, LVDS, 3 V A/D Converter
REV. B
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
logo
Intersil Corporation
HI5865 INTERSIL-HI5865 Datasheet
29Kb / 2P
   12-Bit, 65 MSPS A/D Converter
logo
Analog Devices
AD9289 AD-AD9289 Datasheet
1Mb / 16P
   Quad 8-Bit, 65 MSPS Serial LVDS 3V A/D Converter
Rev. PrJ 6/25/2004
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com