Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS84118B-150 Arkusz danych(PDF) 11 Page - GSI Technology

Numer części GS84118B-150
Szczegółowy opis  256K x 18 Sync Cache Tag
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GSI [GSI Technology]
Strona internetowa  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS84118B-150 Arkusz danych(HTML) 11 Page - GSI Technology

Back Button GS84118B-150 Datasheet HTML 7Page - GSI Technology GS84118B-150 Datasheet HTML 8Page - GSI Technology GS84118B-150 Datasheet HTML 9Page - GSI Technology GS84118B-150 Datasheet HTML 10Page - GSI Technology GS84118B-150 Datasheet HTML 11Page - GSI Technology GS84118B-150 Datasheet HTML 12Page - GSI Technology GS84118B-150 Datasheet HTML 13Page - GSI Technology GS84118B-150 Datasheet HTML 14Page - GSI Technology GS84118B-150 Datasheet HTML 15Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Rev: 1.05 7/2001
11/30
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS84118T/B-166/150/130/100
DC Characteristics and Supply Currents (Voltage reference to VSS = 0 V)
(VDD = 3.135 V–3.6 V, Ta = 0–70°C for Commercial Temperature Offering)
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage Current
(except ZZ, FT, LBO pins)
IIL
VIN = 0 to VDD
–1 uA
1 uA
ZZ Input Current
IinZZ
VDD ≥ VIN ≥ VIH
0 V
≤ V
IN ≤ VIH
–1 uA
–1 uA
1 uA
300 uA
Mode Input Current
(FT & LBO pins)
IinM
VDD ≥ VIN ≥ VIL
0 V
≤ V
IN VIL
–30 0uA
–1 uA
1 uA
1 uA
Output Leakage Current
Iol
Output Disable,
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
IOH = –4 mA, VDDQ = 2.375 V
1.7 V
Output High Voltage
VOH
IOH = –4 mA, VDDQ = 3.135 V
2.4 V
Output Low Voltage
VOL
IOL = +4 mA
0.4 V


Podobny numer części - GS84118B-150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS84118AB-100 GSI-GS84118AB-100 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-100I GSI-GS84118AB-100I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-133 GSI-GS84118AB-133 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150 GSI-GS84118AB-150 Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
GS84118AB-150I GSI-GS84118AB-150I Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
More results

Podobny opis - GS84118B-150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS841E18AT GSI-GS841E18AT Datasheet
600Kb / 21P
   256K x 18 Sync Cache Tag
GS84118AT GSI-GS84118AT Datasheet
404Kb / 20P
   256K x 18 Sync Cache Tag
logo
Cypress Semiconductor
CY7C1359A CYPRESS-CY7C1359A Datasheet
237Kb / 24P
   256K x 18 Synchronous-Pipelined Cache Tag RAM
logo
Weida Semiconductor, In...
WCSS0418V1P WEIDA-WCSS0418V1P Datasheet
664Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
logo
Cypress Semiconductor
CY7C1325B CYPRESS-CY7C1325B Datasheet
339Kb / 17P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0418V1F WEIDA-WCSS0418V1F Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Cypress Semiconductor
CY7C1327B CYPRESS-CY7C1327B Datasheet
596Kb / 17P
   256K x 18 Synchronous-Pipelined Cache RAM
CY7C1325 CYPRESS-CY7C1325 Datasheet
270Kb / 16P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Weida Semiconductor, In...
WCSS0436V1P WEIDA-WCSS0436V1P Datasheet
647Kb / 18P
   256K x 18 Synchronous 3.3V Cache RAM
logo
Motorola, Inc
MCM69T618 MOTOROLA-MCM69T618 Datasheet
177Kb / 10P
   64K x 18 Bit Synchronous Pipelined Cache Tag RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com