Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN5095K Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części AN5095K
Szczegółowy opis  Single chip IC with I2C bus interface for PAL/NTSC color TV system
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5095K Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  AN5095K Datasheet HTML 1Page - Panasonic Semiconductor AN5095K Datasheet HTML 2Page - Panasonic Semiconductor AN5095K Datasheet HTML 3Page - Panasonic Semiconductor AN5095K Datasheet HTML 4Page - Panasonic Semiconductor AN5095K Datasheet HTML 5Page - Panasonic Semiconductor AN5095K Datasheet HTML 6Page - Panasonic Semiconductor AN5095K Datasheet HTML 7Page - Panasonic Semiconductor AN5095K Datasheet HTML 8Page - Panasonic Semiconductor AN5095K Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
ICs for TV
1
AN5095K
Single chip IC with I2C bus interface for PAL/NTSC color TV system
s Overview
The AN5095K is an IC in which PAL/NTSC
color television signal processing circuits are inte-
grated into a single chip. Also, since the I2C bus
interface is built in the IC, the rationalization of set
production line can be realized.
s Features
• Built- in video IF circuit, sound IF circuit, video
signal processing circuit, color signal processing
circuit, sync. signal processing circuit
• Suitable for PAL/NTSC/AV-NTSC/M-NTSC sys-
tems
• 6 dB improved sound S/N (compared with the
AN5195K-B/-C)
• Package: 64-SDIP, supply voltage: 5 V, 9 V
s Applications
• Television and televideo
Unit: mm
SDIP064-P-0750B
64
33
132
1.778
19.05
0.25
+0.1
–0.05
0.5
+0.1
–0.05
0
° to 15°
(1.0)
(1.641)
Seating plane
58.4±0.3


Podobny numer części - AN5095K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Extech Instruments Corp...
AN500 EXTECH-AN500 Datasheet
95Kb / 1P
   AN500 Hot Wire CFM/CMM Thermo-Anemometer
logo
Dynex Semiconductor
AN5001 DYNEX-AN5001 Datasheet
88Kb / 5P
   On-state Characteristic Model
logo
Vishay Siliconix
AN501 VISHAY-AN501 Datasheet
137Kb / 11P
   The DG535/536 Wideband Multiplexers Suit a Wide Variety of Applications
03-Aug-99
logo
STANLEY ELECTRIC CO.,LT...
AN501 STANLEY-AN501 Datasheet
246Kb / 4P
   THROUGH-HOLE SHAPE - INFRARED LED
logo
List of Unclassifed Man...
AN5010 ETC-AN5010 Datasheet
294Kb / 6P
   TV ELECTRONIC CHANNEL SELECTION CIRCUIT
More results

Podobny opis - AN5095K

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5195K PANASONIC-AN5195K Datasheet
309Kb / 26P
   Single chip IC for PAL/NTSC color TV (built-in I2C bus interface)
logo
Mitsubishi Electric Sem...
M52727SP MITSUBISHI-M52727SP Datasheet
430Kb / 61P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M51408SP MITSUBISHI-M51408SP Datasheet
1Mb / 25P
   PAL/NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
Panasonic Semiconductor
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
logo
Samsung semiconductor
KA2163 SAMSUNG-KA2163 Datasheet
731Kb / 43P
   I2C BUS NTSC 1 CHIP FOR COLOR TV
logo
Toshiba Semiconductor
TA1201CN TOSHIBA-TA1201CN Datasheet
1Mb / 45P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201AN TOSHIBA-TA1201AN Datasheet
1Mb / 44P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
TA1201CNG TOSHIBA-TA1201CNG Datasheet
795Kb / 46P
   I2C BUS CONTROL NTSC 1CHIP COLOR TV IC
logo
NXP Semiconductors
TDA8366 PHILIPS-TDA8366 Datasheet
414Kb / 48P
   I2C-bus controlled PAL/NTSC TV processor
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com