Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN5295NK Arkusz danych(PDF) 3 Page - Panasonic Semiconductor

Numer części AN5295NK
Szczegółowy opis  3-ch. sound signal processing single chip IC for TV with I2C bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5295NK Arkusz danych(HTML) 3 Page - Panasonic Semiconductor

  AN5295NK Datasheet HTML 1Page - Panasonic Semiconductor AN5295NK Datasheet HTML 2Page - Panasonic Semiconductor AN5295NK Datasheet HTML 3Page - Panasonic Semiconductor AN5295NK Datasheet HTML 4Page - Panasonic Semiconductor AN5295NK Datasheet HTML 5Page - Panasonic Semiconductor AN5295NK Datasheet HTML 6Page - Panasonic Semiconductor AN5295NK Datasheet HTML 7Page - Panasonic Semiconductor AN5295NK Datasheet HTML 8Page - Panasonic Semiconductor AN5295NK Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ICs for TV
AN5295NK
3
s Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Tone control
Volume max. level *
VVO (max) VIN = 1 V[rms], f = 1 kHz
−2.3 − 0.3
1.7
dB
Volume typ. level *
VVO (typ) VIN = 1 V[rms], f = 1 kHz
−16.2 −13.2 −10.2
dB
Volume min. level *
VVO (min) VIN = 1 V[rms], f = 1 kHz

−75
dB
Bass: boost level
VBB
VIN = 400 mV[rms], f = 50 Hz
9.2
11.2
13.2
dB
Bass: cut level
VBC
VIN = 400 mV[rms], f = 50 Hz
−11.7 −9.7
−7.7
dB
Treble: boost level
VTB
VIN = 400 mV[rms], f = 20 kHz
9.7
11.7
13.7
dB
Treble: cut level
VTC
VIN = 400 mV[rms], f = 20 kHz
−12.1 −10.1 −8.1
dB
AGC
Input/output level 1 *
VAGC1
VIN = 1 mV[rms], f = 1 kHz
0.7
1.7
2.7
mV[rms]
Input/output level 2 *
VAGC2
VIN = 50 mV[rms], f = 1 kHz
70
110
150
mV[rms]
Input/output level 3 *
VAGC3
VIN = 1 V[rms], f = 1 kHz
275
345
415
mV[rms]
Circuit current *
ICC
VIN = 0 mV
25
45
65
mA
Total harmonics distortion *
THD
VIN = 1 V[rms], f = 1 kHz
0.1
0.5
%
Max. input voltage *
VIN (max) THD = 1%
2.8

V[rms]
Mute level *
VMUTE VIN = 1 V[rms], f = 1 kHz

−80
dB
Noise level at volume max. *
VNO (max) VIN = 0 mV, Rg = 0 Ω
115
200
µV[rms]
Noise level at volume min. *
VNO (min) VIN = 0 mV, Rg = 0 Ω
45
100
µV[rms]
Surround level (max.) *
VSU (max) VIN = 100 mV[rms], f = 1 kHz
12.4
14.4
16.4
dB
Surround level (min.) *
VSU (min) VIN = 100 mV[rms], f = 1 kHz
2.9
4.9
6.9
dB
Surround level at loop on *
VLPSUL VIN = 100 mV[rms], f = 1 kHz
4.9
6.9
8.9
dB
Level at bass add on *
VBAONL VIN = 400 mV[rms], f = 50 Hz
3.95
5.95
7.95
dB
Cross talk *
CT
VIN = 1 V[rms], f = 1 kHz
−70 −68.5
dB
Channel balance *
CB
VIN = 1 V[rms], f = 1 kHz
−1.5
0
1.5
dB
L
−R volume tracking (1/4) *
VTR
VIN = 1 V[rms], f = 1 kHz
−2.0
0
2.0
dB
I2C interface
Sink current at ACK
IACK
Maximum value of pin 15 sink current
2.0
10
mA
at ACK
SCL, SDA signal high-level input
VIHI
3.5
5.0
V
SCL, SDA signal low-level input
VILO
0
0.9
V
Max. allowable input frequency
fImax

100
kbit/s
Note) * : Uses DIN audio filter.


Podobny numer części - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN5290 PANASONIC-AN5290 Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
AN5290S PANASONIC-AN5290S Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
More results

Podobny opis - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Sanyo Semicon Device
LA7655N SANYO-LA7655N Datasheet
292Kb / 6P
   1-Chip IC for Color TV Signal Processing
logo
Panasonic Semiconductor
AN5650 PANASONIC-AN5650 Datasheet
28Kb / 1P
   SYNCHRONOUS SIGNAL PROCESSING IC FOR COLOR TV
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
AN5422K PANASONIC-AN5422K Datasheet
37Kb / 3P
   Deflection-Signal-Processing IC for TV/Display
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com