Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN5295NK Arkusz danych(PDF) 4 Page - Panasonic Semiconductor

Numer części AN5295NK
Szczegółowy opis  3-ch. sound signal processing single chip IC for TV with I2C bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5295NK Arkusz danych(HTML) 4 Page - Panasonic Semiconductor

  AN5295NK Datasheet HTML 1Page - Panasonic Semiconductor AN5295NK Datasheet HTML 2Page - Panasonic Semiconductor AN5295NK Datasheet HTML 3Page - Panasonic Semiconductor AN5295NK Datasheet HTML 4Page - Panasonic Semiconductor AN5295NK Datasheet HTML 5Page - Panasonic Semiconductor AN5295NK Datasheet HTML 6Page - Panasonic Semiconductor AN5295NK Datasheet HTML 7Page - Panasonic Semiconductor AN5295NK Datasheet HTML 8Page - Panasonic Semiconductor AN5295NK Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AN5295NK
ICs for TV
4
• Design reference data
Note) The characteristics listed below are theoretical values based on the IC design and are not guaranteed.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
I2C interface
Bus free before start
tBUS
4.0

µs
Start condition setup time
tSU. STA
4.0

µs
Start condition hold time
tHD. STA
4.0

µs
Low period SCL, SDA
tLO
4.0

µs
High period SCL
tHI
4.0

µs
Rise time SCL, SDA
tr

1.0
µs
Fall time SCL, SDA
tf

0.35
µs
Data setup time (write)
tSU. DAT
0.25

µs
Data hold time (write)
tHD. DAT
0

µs
Acknowledge setup time
tSU. ACK

3.5
µs
Acknowledge hold time
tHD. ACK
0

µs
Stop condition setup time
tSU. STO
4.0

µs
DAC
6-bit DAC DNLE
L6
1 LSB
= (data (max.) − data (00))/63
0.1
1.0
1.9
LSB/step
s Electrical Characteristics at Ta = 25°C (continued)
tBUF
Start
condition
SDA
SCL
Stop
condition
Slave address
Sub address
Data byte
ACK
ACK
ACK
tSU. DAT
tSU. STA
tHDSTA
tr
tLO
tSU. STO
tHD. DAT
tHI
tf
tLO
Pin No.
Equivalent circuit
Description
Voltage (V)
1
R-In:
6
R-ch. Input pin
2
GND:
0
GND pin
s Terminal Equivalent Circuits
200
50 k
1/2 VCC
1


Podobny numer części - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN5290 PANASONIC-AN5290 Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
AN5290S PANASONIC-AN5290S Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
More results

Podobny opis - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Sanyo Semicon Device
LA7655N SANYO-LA7655N Datasheet
292Kb / 6P
   1-Chip IC for Color TV Signal Processing
logo
Panasonic Semiconductor
AN5650 PANASONIC-AN5650 Datasheet
28Kb / 1P
   SYNCHRONOUS SIGNAL PROCESSING IC FOR COLOR TV
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
AN5422K PANASONIC-AN5422K Datasheet
37Kb / 3P
   Deflection-Signal-Processing IC for TV/Display
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com