Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN5295NK Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części AN5295NK
Szczegółowy opis  3-ch. sound signal processing single chip IC for TV with I2C bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5295NK Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  AN5295NK Datasheet HTML 1Page - Panasonic Semiconductor AN5295NK Datasheet HTML 2Page - Panasonic Semiconductor AN5295NK Datasheet HTML 3Page - Panasonic Semiconductor AN5295NK Datasheet HTML 4Page - Panasonic Semiconductor AN5295NK Datasheet HTML 5Page - Panasonic Semiconductor AN5295NK Datasheet HTML 6Page - Panasonic Semiconductor AN5295NK Datasheet HTML 7Page - Panasonic Semiconductor AN5295NK Datasheet HTML 8Page - Panasonic Semiconductor AN5295NK Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ICs for TV
1
AN5295NK
3-ch. sound signal processing single chip IC for TV (with I2C bus)
s Overview
The AN5295NK is a television-use 3-ch. sound sig-
nal processing IC which incorporates volume, tone con-
trol (L/R/C 3-ch.), and surround sound, sound AGC,
lower sound enforce (L/R 2-ch.) functions. All of the func-
tions (including changeover switch) including external I/
O port can be controlled by I2C bus.
s Features
• 3-ch. of volumes can be controlled independently (max.
attenuation is 75 dB or more)
• Center output can be switched, ether center input or in-
side L
+R signal (for HDTV)
• Lower sound enforce effect (frequency and gain) can be
adjusted with external parts
• With L+R output
s Applications
• Television
SDIP030-P-0400
Unit: mm
s Block Diagram
3
° to 15°
1.0±0.25
3.3±0.25
4.7±0.25
1
15
30
16
0.35–0.05
+0.1
8.6±0.3
10.16±0.25
30
1
28
L-In
R-In
B-Out/
C-In
L-Out
R-Out
C-Out
19
11
18
I2C
I2C
Loop
C-sel
Bass add
0 dB adj.
VCA
VCA
L
+R
Vol.
Vol.
Buffer
Off
On
On
Off
Buffer
Buffer
Tone
Tone
Add
Add
L
+S
R
−S
LPF
amp.1
PS
1st
stage
L
−R
L
+R
Buffer
Vol.
+mute
Buffer
Vol.
Tone
Buffer
Control
Level sense
On
Off


Podobny numer części - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN5290 PANASONIC-AN5290 Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
AN5290S PANASONIC-AN5290S Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
More results

Podobny opis - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Sanyo Semicon Device
LA7655N SANYO-LA7655N Datasheet
292Kb / 6P
   1-Chip IC for Color TV Signal Processing
logo
Panasonic Semiconductor
AN5650 PANASONIC-AN5650 Datasheet
28Kb / 1P
   SYNCHRONOUS SIGNAL PROCESSING IC FOR COLOR TV
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
AN5422K PANASONIC-AN5422K Datasheet
37Kb / 3P
   Deflection-Signal-Processing IC for TV/Display
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com