Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN5295NK Arkusz danych(PDF) 2 Page - Panasonic Semiconductor

Numer części AN5295NK
Szczegółowy opis  3-ch. sound signal processing single chip IC for TV with I2C bus
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN5295NK Arkusz danych(HTML) 2 Page - Panasonic Semiconductor

  AN5295NK Datasheet HTML 1Page - Panasonic Semiconductor AN5295NK Datasheet HTML 2Page - Panasonic Semiconductor AN5295NK Datasheet HTML 3Page - Panasonic Semiconductor AN5295NK Datasheet HTML 4Page - Panasonic Semiconductor AN5295NK Datasheet HTML 5Page - Panasonic Semiconductor AN5295NK Datasheet HTML 6Page - Panasonic Semiconductor AN5295NK Datasheet HTML 7Page - Panasonic Semiconductor AN5295NK Datasheet HTML 8Page - Panasonic Semiconductor AN5295NK Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AN5295NK
ICs for TV
2
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
13.5
V
Supply current
ICC
80
mA
Power dissipation *
2
PD
1 143
mW
Operating ambient temperature *
1
Topr
−20 to +75
°C
Storage temperature *
1
Tstg
−55 to +150
°C
Parameter
Symbol
Range
Unit
Supply voltage
VCC
10.8 to 13.2
V
s Recommended Operating Range
Note) *1: Except for the operating ambient temperature and storage temperature, all ratings are for Ta = 25°C.
*2: Ta = 70 °C.
s Absolute Maximum Ratings
s Pin Descriptions
Pin No.
Description
1
R-ch. input pin
2
Ground pin
3
AGC 0 dB adjustment pin
4
AGC level sensor-1 pin
5
AGC level sensor-2 pin
6
1/2 VCC pin
7
Phase shift pin
8
L/R/C-ch. bass DAC output pin
9
R-ch. bass fC setting pin
10
R-ch. treble fC setting pin
11
R-ch. output pin
12
R-ch. volume DAC output pin
13
L-ch. volume DAC output pin
14
I2C communication clock pin
15
I2C communication data pin
Pin No.
Description
16
C-ch. volume DAC output pin
17
Extension DAC pin 1
18
C-ch. output pin
19
L-ch. output pin
20
C-ch. treble fC setting pin
21
C-ch. bass fC setting pin
22
L-ch. treble fC setting pin
23
L-ch. bass fC setting pin
24
Bass mix. gain adjustment pin
25
L/R/C-ch. treble DAC output pin
26
Bass detection LPF ope.-amp. input pin
27
L+R add after AGC output pin
28
C-ch. input pin
29
Power supply pin (12 V)
30
L-ch. input pin


Podobny numer części - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN5290 PANASONIC-AN5290 Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
AN5290S PANASONIC-AN5290S Datasheet
57Kb / 6P
   Antenna diversity IC for on-vehicle TV
More results

Podobny opis - AN5295NK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2022S SONY-CXA2022S Datasheet
257Kb / 16P
   I2C Bus Sound Processor for TV
CXA2021S SONY-CXA2021S Datasheet
274Kb / 16P
   I2C BUS Sound Processor for TV
logo
Sanyo Semicon Device
LA7655N SANYO-LA7655N Datasheet
292Kb / 6P
   1-Chip IC for Color TV Signal Processing
logo
Panasonic Semiconductor
AN5650 PANASONIC-AN5650 Datasheet
28Kb / 1P
   SYNCHRONOUS SIGNAL PROCESSING IC FOR COLOR TV
AN5308NK PANASONIC-AN5308NK Datasheet
273Kb / 25P
   Single chip IC for color TV Built-in I2C bus interface
AN5422K PANASONIC-AN5422K Datasheet
37Kb / 3P
   Deflection-Signal-Processing IC for TV/Display
AN5192K PANASONIC-AN5192K Datasheet
221Kb / 23P
   Single chip IC with I2C bus Interface for PAL/NTSC color TV system
AN5095K PANASONIC-AN5095K Datasheet
405Kb / 36P
   Single chip IC with I2C bus interface for PAL/NTSC color TV system
logo
Toshiba Semiconductor
TA8845BN TOSHIBA-TA8845BN Datasheet
2Mb / 69P
   BUS CONTROL VIDEO, CHROMA, AND SYNC. SIGNAL PROCESSING IC FOR TV
logo
Integral Corp.
ILA8362W INTEGRAL-ILA8362W Datasheet
144Kb / 6P
   SINGLE-CHIP TV PROCESSOR IC FOR VISION AND SOUND IF PROCESSING, VIDEO AND SYNCHRONIZATION FOR B/W TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com