Zakładka z wyszukiwarką danych komponentów |
|
MMA6280Q Arkusz danych(PDF) 1 Page - Freescale Semiconductor, Inc |
|
MMA6280Q Arkusz danych(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 8 page MMA6280Q Rev 1.0, 2/2006 Freescale Semiconductor Technical Data © Freescale Semiconductor, Inc., 2006. All rights reserved. ±1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer The MMA6280Q low cost capacitive micromachined accelerometer features signal conditioning, a 1-pole low pass filter, temperature compensation and g-Select which allows for the selection among 4 sensitivities. Zero-g offset full scale span and filter cut-off are factory set and require no external devices. Includes a Sleep Mode that makes it ideal for handheld battery powered electronics. Features • Selectable Sensitivity (1.5 g / 2 g / 4 g / 6 g) • Low Current Consumption: 500 µA • Sleep Mode: 3 µA • Low Voltage Operation: 2.2 V – 3.6 V • 6 mm x 6 mm x 1.45 mm QFN • High Sensitivity (800 mV/g @1.5 g) • Fast Turn On Time • Integral Signal Conditioning with Low Pass Filter • Robust Design, High Shocks Survivability • Pb-Free Terminations • Environmentally Preferred Package • Low Cost Typical Applications • Portable Applications: Tilt Monitoring, Anti-Theft • Pedometer: Motion Sensing • PDA: Text Scroll • Gaming: Tilt and Motion Sensing, Event Recorder • Robotics: Motion Sensing • Impact Monitoring (shipping/handling, black box event recorder) • Vibration Monitoring and Recording (appliance balance, seismic, smart motors, etc.). ORDERING INFORMATION Device Name Temperture Range Package Drawing Package MMA6280Q – 20 to +85°C 98ASA10651D QFN-16, Tube MMA6280QR2 – 20 to +85°C 98ASA10651D QFN-16,Tape & Reel MMA6280Q MMA6280Q: XZ AXIS ACCELEROMETER ±1.5 g / 2 g / 4 g / 6 g 16 LEAD QFN 98ASA10651D 16 15 14 13 56 78 1 2 3 4 12 11 10 9 g-Select1 g-Select2 VDD VSS Sleep Mode N/C N/C N/C Bottom View Figure 1. Pin Connections Top View |
Podobny numer części - MMA6280Q |
|
Podobny opis - MMA6280Q |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |