Zakładka z wyszukiwarką danych komponentów |
|
IRFB4212PBF Arkusz danych(PDF) 5 Page - International Rectifier |
|
IRFB4212PBF Arkusz danych(HTML) 5 Page - International Rectifier |
5 / 7 page IRFB4212PbF www.irf.com 5 Fig 13. Maximum Avalanche Energy Vs. Drain Current Fig 12. On-Resistance Vs. Gate Voltage Fig 14. Typical Avalanche Current Vs.Pulsewidth Fig 15. Maximum Avalanche Energy Vs. Temperature Notes on Repetitive Avalanche Curves , Figures 14, 15: (For further info, see AN-1005 at www.irf.com) 1. Avalanche failures assumption: Purely a thermal phenomenon and failure occurs at a temperature far in excess of Tjmax. This is validated for every part type. 2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded. 3. Equation below based on circuit and waveforms shown in Figures 17a, 17b. 4. PD (ave) = Average power dissipation per single avalanche pulse. 5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase during avalanche). 6. Iav = Allowable avalanche current. 7. ∆T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as 25°C in Figure 14, 15). tav = Average time in avalanche. D = Duty cycle in avalanche = tav ·f ZthJC(D, tav) = Transient thermal resistance, see figure 11) PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC Iav = 2DT/ [1.3·BV·Zth] EAS (AR) = PD (ave)·tav 25 50 75 100 125 150 175 Starting TJ, Junction Temperature (°C) 0 20 40 60 80 100 120 I D TOP 3.2A 5.7A BOTTOM 13A 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 tav (sec) 0.1 1 10 0.05 Duty Cycle = Single Pulse 0.10 Allowed avalanche Current vs avalanche pulsewidth, tav assuming ∆Tj = 25°C due to avalanche losses. Note: In no case should Tj be allowed to exceed Tjmax 0.01 6 8 10 12 14 16 VGS, Gate-to-Source Voltage (V) 0.0 0.1 0.2 0.3 0.4 0.5 TJ = 25°C TJ = 125°C ID = 13A 25 50 75 100 125 150 175 Starting TJ , Junction Temperature (°C) 0 5 10 15 20 25 30 TOP Single Pulse BOTTOM 1% Duty Cycle ID = 13A |
Podobny numer części - IRFB4212PBF |
|
Podobny opis - IRFB4212PBF |