Zakładka z wyszukiwarką danych komponentów |
|
ADV7322KSTZ1 Arkusz danych(PDF) 6 Page - Analog Devices |
|
ADV7322KSTZ1 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 88 page ADV7322 Preliminary Technical Data Rev. PrA | Page 6 of 88 SPECIFICATIONS VAA = 2.375 V − 2.625 V, VDD = 2.375 V − 2.625 V, VDD_IO = 2.375 V − 3.6 V, VREF = 1.235 V, RSET = 3040 Ω, RLOAD = 300 Ω. All specifications TMIN to TMAX (0°C to 70°C), unless otherwise noted. Table 2. Parameter Min Typ Max Unit Test Conditions STATIC PERFORMANCE1 Resolution 11 Bits Integral Nonlinearity 1.5 LSB Differential Nonlinearity2, +ve 0.5 LSB Differential Nonlinearity2, −ve 1.0 LSB DIGITAL OUTPUTS Output Low Voltage, VOL 0.4 [0.4]3 V ISINK = 3.2 mA Output High Voltage, VOH 2.4[2.0]3 V ISOURCE = 400 µA Three-State Leakage Current ±1.0 µA VIN = 0.4 V, 2.4 V Three-State Output Capacitance 2 pF DIGITAL AND CONTROL INPUTS Input High Voltage, VIH 2 V Input Low Voltage, VIL 0.8 V Input Leakage Current 10 µA VIN = 2.4 V Input Capacitance, CIN 2 pF ANALOG OUTPUTS Full-Scale Output Current 4.1 4.33 4.6 mA Output Current Range 4.1 4.33 4.6 mA DAC to DAC Matching 1.0 % Output Compliance Range, VOC 0 1.0 1.4 V Output Capacitance, COUT 7 pF VOLTAGE REFERENCE Internal Reference Range, VREF 1.15 1.235 1.3 V External Reference Range, VREF 1.15 1.235 1.3 V VREF Current4 ±10 µA POWER REQUIREMENTS Normal Power Mode IDD5 137 mA SD only [16×] 78 mA PS only [8×] 73 mA HDTV only [2×] 140 1906 mA SD[16×, 8 bit] + PS[8×, 16 bit] IDD_IO 1.0 mA IAA7, 8 37 45 mA Sleep Mode IDD 80 µA IAA 7 µA IDD_IO 250 µA POWER SUPPLY REJECTION RATIO 0.01 %/% 1Oversampling disabled. Static DAC performance will be improved with increased oversampling ratios. 2DNL measures the deviation of the actual DAC output voltage step from the ideal. For +ve DNL, the actual step value lies above the ideal step value; for −ve DNL, the actual step value lies below the ideal step value. 3Value in brackets for VDD_IO = 2.375 V − 2.75 V. 4External current required to overdrive internal VREF. 5IDD, the circuit current, is the continuous current required to drive the digital core. 6Guaranteed maximum by characterization. 7All DACs on. 8IAA is the total current required to supply all DACs including the VREF circuitry and the PLL circuitry. |
Podobny numer części - ADV7322KSTZ1 |
|
Podobny opis - ADV7322KSTZ1 |