Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS72108ATP-8 Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części GS72108ATP-8
Szczegółowy opis  256K x 8 2Mb Asynchronous SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

GS72108ATP-8 Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  GS72108ATP-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS72108ATP-8 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
GS72108ATP/J
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 1.05 10/2004
4/12
© 2001, GSI Technology
Notes:
1. Input overshoot voltage should be less than VDD +2 V and not exceed 20 ns.
2. Input undershoot voltage should be greater than –2 V and not exceed 20 ns.
Notes:
1. Tested at TA = 25°C, f = 1 MHz
2. These parameters are sampled and are not 100% tested.
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage for -7/-8/-10/-12
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
VDD +0.3
V
Input Low Voltage
VIL
–0.3
0.8
V
Ambient Temperature,
Commercial Range
TAc
0
70
oC
Ambient Temperature,
Industrial Range
TAI
–40
85
oC
Capacitance
Parameter
Symbol
Test Condition
Max
Unit
Input Capacitance
CIN
VIN = 0 V
5
pF
Output Capacitance
COUT
VOUT = 0 V
7
pF
DC I/O Pin Characteristics
Parameter
Symbol
Test Conditions
Min
Max
Input Leakage
Current
IIL
VIN = 0 to VDD
– 1 uA
1 uA
Output Leakage
Current
ILO
Output High Z
VOUT = 0 to VDD
–1 uA
1 uA
Output High Voltage
VOH
IOH = –4mA
2.4
Output Low Voltage
VOL
ILO = +4mA
0.4 V


Podobny numer części - GS72108ATP-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS72108J-10 GSI-GS72108J-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-10I GSI-GS72108J-10I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12 GSI-GS72108J-12 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-12I GSI-GS72108J-12I Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
GS72108J-15 GSI-GS72108J-15 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
More results

Podobny opis - GS72108ATP-8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSI Technology
GS72108TP-10 GSI-GS72108TP-10 Datasheet
364Kb / 12P
   256K x 8 2Mb Asynchronous SRAM
logo
NanoAmp Solutions, Inc.
N02L083WC2A NANOAMP-N02L083WC2A Datasheet
223Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K x 8 bit
logo
GSI Technology
GS72116TP GSI-GS72116TP Datasheet
271Kb / 17P
   128K x 16 2Mb Asynchronous SRAM
GS72116ATP GSI-GS72116ATP Datasheet
505Kb / 18P
   128K x 16 2Mb Asynchronous SRAM
logo
ON Semiconductor
N02L83W2A ONSEMI-N02L83W2A Datasheet
174Kb / 10P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 8 bit
July 2008 - Rev. 8
logo
GSI Technology
GS74116TP GSI-GS74116TP Datasheet
137Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS74116AGP-12 GSI-GS74116AGP-12 Datasheet
127Kb / 14P
   256K x 16 4Mb Asynchronous SRAM
GS78132B GSI-GS78132B Datasheet
227Kb / 11P
   256K x 32 8Mb Asynchronous SRAM
GS76024AB GSI-GS76024AB Datasheet
631Kb / 12P
   256K x 24 6Mb Asynchronous SRAM
GS76024B GSI-GS76024B Datasheet
220Kb / 11P
   256K x 24 6Mb Asynchronous SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com