Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HCT04D Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HCT04D
Szczegółowy opis  HEX INVERTERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74HCT04D Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74HCT04D Datasheet HTML 1Page - Texas Instruments SN74HCT04D Datasheet HTML 2Page - Texas Instruments SN74HCT04D Datasheet HTML 3Page - Texas Instruments SN74HCT04D Datasheet HTML 4Page - Texas Instruments SN74HCT04D Datasheet HTML 5Page - Texas Instruments SN74HCT04D Datasheet HTML 6Page - Texas Instruments SN74HCT04D Datasheet HTML 7Page - Texas Instruments SN74HCT04D Datasheet HTML 8Page - Texas Instruments SN74HCT04D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN54HCT04, SN74HCT04
HEX INVERTERS
SCLS042D – JULY 1986 – REVISED JULY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HCT04
SN74HCT04
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
VI =VIH or VIL
IOH = –20 µA
45 V
4.4
4.499
4.4
4.4
V
VOH
VI = VIH or VIL
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
V
VOL
VI =VIH or VIL
IOL = 20 µA
45 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
V
II
VI = VCC or 0
5.5 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
5.5 V
2
40
20
µA
∆ICC†
One input at 0.5 V or 2.4 V,
Other inputs at 0 or VCC
5.5 V
1.4
2.4
3
2.9
mA
Ci
4.5 V
to 5.5 V
3
10
10
10
pF
† This is the increase in supply current for each input that is at one of the specified TTL voltage levels, rather than 0 V or VCC.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HCT04
SN74HCT04
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
t d
A
Y
4.5 V
14
20
30
25
ns
tpd
A
Y
5.5 V
13
18
27
23
ns
tt
Y
4.5 V
9
15
22
19
ns
tt
Y
5.5 V
8
14
20
17
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF


Podobny numer części - SN74HCT04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HCT04D TI-SN74HCT04D Datasheet
65Kb / 4P
[Old version datasheet]   HEX INVERTERS
SN74HCT04D TI1-SN74HCT04D Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
SN74HCT04DE4 TI1-SN74HCT04DE4 Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
SN74HCT04DG4 TI1-SN74HCT04DG4 Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
SN74HCT04DR TI1-SN74HCT04DR Datasheet
1Mb / 20P
[Old version datasheet]   HEX INVERTERS
More results

Podobny opis - SN74HCT04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com