Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9303-00 Arkusz danych(PDF) 3 Page - Peregrine Semiconductor Corp.

Numer części 9303-00
Szczegółowy opis  3.5 GHz Low Power CMOS Divide-by-8 Prescaler For RAD-Hard Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEREGRINE [Peregrine Semiconductor Corp.]
Strona internetowa  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9303-00 Arkusz danych(HTML) 3 Page - Peregrine Semiconductor Corp.

  9303-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9303-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9303-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9303-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9303-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9303-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Product Specification
PE9303
Page 3 of 9
Document No. 70-0052-02 │ www.psemi.com
©2003-2012 Peregrine Semiconductor Corp. All rights reserved.
Figure 4. Test Circuit Block Diagram
PE9303
1
2
3
4
5
6
7
8
DC
AC
Signal Generator
Spectrum Analyzer
50 Ohm
50 Ohm
100 pF
15 pF
10 nF
10 pF
1 nF
10 pF
VDD
3 V +/- 0.15 V
Device Functional Considerations
The PE9303 takes an input signal frequency from
between 1.5 GHz to 3.5 GHz and produces an
output signal frequency one-fourth that of the
supplied input. In order for the prescaler to work
properly, several conditions need to be adhered
to. It is crucial that pin 3 be supplied with a
bypass capacitor to ground. In addition, the input
and output signals (pins 2 and 7, respectively)
need to be AC coupled via an external capacitor
as shown in the test circuit below.
The ground pattern on the board should be made
as wide as possible to minimize ground
impedance.


Podobny numer części - 9303-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bi technologies
9303 BITECH-9303 Datasheet
60Kb / 4P
   1-13/16 Diameter 3-Turn Wirewound Precision Potentiometer
logo
Keystone Electronics Co...
9303 KEYSTONE-9303 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9303 HEYCO-9303 Datasheet
152Kb / 2P
   Snap Rivets
logo
Molex Electronics Ltd.
93032-0010 MOLEX-93032-0010 Datasheet
233Kb / 2P
   Compliant Pin Header For Press-Fit Application
93032-0014 MOLEX-93032-0014 Datasheet
233Kb / 2P
   Compliant Pin Header For Press-Fit Application
More results

Podobny opis - 9303-00

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301 Datasheet
556Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler For RAD-Hard Applications
logo
Peregrine Semiconductor
PE9303 PSEMI-PE9303 Datasheet
211Kb / 9P
   1.5 - 3.5 GHz Low Power UltraCMOS Divide-by-8 Prescaler Rad-hard for Space Application
logo
Peregrine Semiconductor...
PE83503 PEREGRINE-PE83503 Datasheet
246Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-8 Prescaler
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE83502 PEREGRINE-PE83502 Datasheet
247Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-4 Prescaler
PE83501 PEREGRINE-PE83501 Datasheet
269Kb / 7P
   3.5 GHz Low Power CMOS Divide-by-2 Prescaler
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE9304 PEREGRINE-PE9304_06 Datasheet
213Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9304 PSEMI-PE9304 Datasheet
216Kb / 6P
   1 GHz - 7 GHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com