Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

9313-01 Arkusz danych(PDF) 1 Page - Peregrine Semiconductor Corp.

Numer części 9313-01
Szczegółowy opis  1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PEREGRINE [Peregrine Semiconductor Corp.]
Strona internetowa  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9313-01 Arkusz danych(HTML) 1 Page - Peregrine Semiconductor Corp.

  9313-01 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9313-01 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
Document No. 70-0120-02
│ www.psemi.com
©2005 Peregrine Semiconductor Corp. All rights reserved.
The PE9313 is a high-performance static UltraCMOS™
prescaler with a fixed divide ratio of 8. Its operating frequency
range is DC to 1500 MHz. The PE9313 operates on a nominal
3 V supply and draws only 6.5 mA. It is packaged in a small 8-
lead ceramic SOIC and is ideal for frequency scaling and clock
generation solutions.
The PE9313 is manufactured in Peregrine’s patented Ultra-
Thin Silicon (UTSi
®) CMOS process, offering the performance
of GaAs with the economy and integration of conventional
CMOS.
Product Specification
Product Description
Figure 1. Functional Diagram
Features
DC to 1500 MHz operation
Fixed divide ratio of 8
Low-power operation: 6.5 mA typical
@ 3 V
Ultra small package: 8-lead Ceramic
SOIC
Guaranteed 100Krads(Si) Total Dose
Performance
Superior Single Event Upset Immunity
Table 1. Electrical Specifications @ +25 °C, VDD = 2.6 V (ZS = ZL = 50 Ω)
Parameter
Conditions
Minimum
Typical
Maximum
Units
Supply Voltage
2.85
3.0
3.15
V
Supply Current
6.5
11
mA
Input Frequency (Fin)
DC
1500
MHz
Input Power (Pin)
DC <
Fin • 1000 MHz
-8
+10
dBm
1000 <
Fin • 1500 MHz
0
+10
dBm
Output Power (Pout)
DC < Fin
• 1500 MHz
0
dBm
VDD = 3.0 V, -40° C ≤ TA ≤ 85° C, unless otherwise specified
D
QB
Q
CLK
D
QB
Q
CLK
Pre-Amp
Output
Buffer
IN
OUT
D
QB
Q
CLK
PE9313
1500 MHz Low Power UltraCMOS™
Divide-by-8 Prescaler
Rad hard for Space Applications
Figure 2. Package Type
8-lead CSOIC


Podobny numer części - 9313-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Keystone Electronics Co...
9313 KEYSTONE-9313 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
logo
Heyco.
9313 HEYCO-9313 Datasheet
152Kb / 2P
   Snap Rivets
logo
KISTLER INSTRUMENT CORP...
9313AA1 KISTLER-9313AA1 Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
9313AA2 KISTLER-9313AA2 Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
9313AAX KISTLER-9313AAX Datasheet
206Kb / 4P
   Press Force Sensor 0 … 50 N to 0 … 20 kN
More results

Podobny opis - 9313-01

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Peregrine Semiconductor
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor
PE9311 PSEMI-PE9311 Datasheet
168Kb / 7P
   1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE9311 PEREGRINE-PE9311 Datasheet
178Kb / 7P
   1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler Rad hard for Space Applications
PE9301 PEREGRINE-PE9301_06 Datasheet
228Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor
PE9301 PSEMI-PE9301 Datasheet
230Kb / 7P
   3500 MHz Low Power UltraCMOS Divide-by-2 Prescaler Rad-hard for Space Applications
logo
Peregrine Semiconductor...
PE9308 PEREGRINE-PE9308 Datasheet
174Kb / 7P
   13.5 GHz Low Power UltraCMOS??Divide-by-4 Prescaler for RAD-Hard Space Applications
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Peregrine Semiconductor
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
   1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com