Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM27964SQX-A Arkusz danych(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM27964SQX-A
Szczegółowy opis  White LED Driver System with I2C Compatible Brightness Control
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27964SQX-A Arkusz danych(HTML) 10 Page - National Semiconductor (TI)

Back Button LM27964SQX-A Datasheet HTML 5Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 6Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 7Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 8Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 9Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 10Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 11Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 12Page - National Semiconductor (TI) LM27964SQX-A Datasheet HTML 13Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Circuit Description (Continued)
Note: DxA3-DxA0: Register Sets Current Level Supplied to DxA LED drivers
DxB3-DxB0: Register Sets Current Level Supplied to DxB LED drivers
Full-Scale Current set externally by the following equation:
IDxx = 200 x 1.25V / RSETx
Brightness Level Segments = 1/16th of Fullscale
Note: DKEY1-DKEY0: Sets Brightness for DKEY pin (KEYPAD Driver).
11=Fullscale
Bit7 to Bit 2: Not Used
Full-Scale Current set externally by the following equation:
IDKEY = 800 x 1.25V / RSETx
Brightness Level are= 100% (Fullscale), 70%, 40%, 20%
Application Information
SETTING LED CURRENT
The current through the LEDs connected to DxA, DxB and
DKEY can be set to a desired level simply by connecting an
appropriately sized resistor (R
SETx) between the ISETx pin of
the LM27964 and GND. The DxA and DxB LED currents are
proportional to the current that flows out of the I
SETA and
I
SETB pins and are a factor of 200 times greater than the
I
SETA/B currents. The DKEY current is proportional to the
current that flows out of the I
SETK pin and is a factor of 800
times greater than the I
SETK current. The feedback loops of
the internal amplifiers set the voltage of the I
SETx pins to
1.25V (typ.). Separate R
SETx resistor should be used on
each I
SETx pin. The statements above are simplified in the
equations below:
I
DxA/B =200x(VISET /RSETA/B)
R
SETA/B = 200 x (1.25V / IDxA/B)
I
DKEY =800x(VISET /RSETK)
R
SETK = 800 x (1.25V / IDKEY)
Once the desired R
SETx values have been chosen, the
LM27964 has the ability to internally dim the LEDs by Pulse
Width Modulating (PWM) the current. The PWM duty cycle is
set through the I
2C compatible interface. LEDs connected to
BankA and BankB current sinks (DxA and DxB) can be
dimmed to 16 different levels/duty-cycles (1/16th of full-scale
to full-scale). The internal PWM frequency for BankA and
BankB
is
a
fixed
10kHz
(LM27964SQ-I)
or
23kHz
(LM27964SQ-A) depending on the option.
The DKEY current sink uses an analog current scaling
method to control LED brightness. The brightness levels are
100% (Fullscale), 70%, 40%, and 20%. When connecting
multiple LEDs in parallel to the DKEY current sink, it is
recommended that ballast resistors be placed in series with
the LEDs. The ballast resistors help reduce the affect of LED
forward voltage mismatch, and help equalize the diode cur-
rents. Ballast resistor values must be carefully chosen to
ensure that the current source headroom voltage is sufficient
to supply the desired current.
Please refer to the I
2C Compatible Interface section of this
datasheet for detailed instructions on how to adjust the
brightness control registers.
MAXIMUM OUTPUT CURRENT, MAXIMUM LED
VOLTAGE, MINIMUM INPUT VOLTAGE
The LM27964 can drive 4 LEDs at 30mA each (BankA) and
12 keypad LEDs at 5mA each (60mA total at DKEY) from an
input voltage as low as 3.2V, so long as the LEDs have a
forward voltage of 3.6V or less (room temperature).
The statement above is a simple example of the LED drive
capabilities of the LM27964. The statement contains the key
application parameters that are required to validate an LED-
drive design using the LM27964: LED current (I
LEDx), num-
ber of active LEDs (N
x), LED forward voltage (VLED), and
minimum input voltage (V
IN-MIN).
The equation below can be used to estimate the maximum
output current capability of the LM27964:
I
LED_MAX = [(1.5 x VIN)-VLED -(IADDITIONAL xROUT)] /
[(N
x xROUT)+kHRx] (eq. 1)
I
LED_MAX = [(1.5 x VIN )-VLED -(IADDITIONAL x 2.75
Ω)] /
[(N
x x 2.75
Ω)+k
HRx]
I
ADDITIONAL is the additional current that could be delivered
to the other LED banks.
R
OUT – Output resistance. This parameter models the inter-
nal losses of the charge pump that result in voltage droop at
the pump output P
OUT. Since the magnitude of the voltage
droop is proportional to the total output current of the charge
pump, the loss parameter is modeled as a resistance. The
output resistance of the LM27964 is typically 2.75
Ω (V
IN =
3.6V, T
A = 25˚C). In equation form:
20138105
FIGURE 7. Brightness Control Register Description
Internal Hex Address: A0h
20138104
FIGURE 8. Brightness Control Register Example
20138110
FIGURE 9. Internal Hex Address: B0h
www.national.com
10


Podobny numer części - LM27964SQX-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM27964SQX-C NSC-LM27964SQX-C Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
LM27964SQX-I NSC-LM27964SQX-I Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
More results

Podobny opis - LM27964SQX-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM27964 NSC-LM27964_07 Datasheet
329Kb / 14P
   White LED Driver System with I2C Compatible Brightness Control
logo
Texas Instruments
LM27964 TI1-LM27964 Datasheet
1Mb / 22P
[Old version datasheet]   LM27964 White LED Driver System with I2C Compatible Brightness Control
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM27965 TI1-LM27965 Datasheet
1,017Kb / 23P
[Old version datasheet]   LM27965 Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Rohm
BD60A00NUX ROHM-BD60A00NUX_13 Datasheet
956Kb / 26P
   White LED Driver With PWM Brightness Control
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
logo
Texas Instruments
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
[Old version datasheet]   LM27966 White LED Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM3553 NSC-LM3553 Datasheet
394Kb / 18P
   1.2A Dual Flash LED Driver System with I2C Compatible
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com