Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74ACT299N Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC74ACT299N
Szczegółowy opis  8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT299N Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC74ACT299N Datasheet HTML 3Page - ON Semiconductor MC74ACT299N Datasheet HTML 4Page - ON Semiconductor MC74ACT299N Datasheet HTML 5Page - ON Semiconductor MC74ACT299N Datasheet HTML 6Page - ON Semiconductor MC74ACT299N Datasheet HTML 7Page - ON Semiconductor MC74ACT299N Datasheet HTML 8Page - ON Semiconductor MC74ACT299N Datasheet HTML 9Page - ON Semiconductor MC74ACT299N Datasheet HTML 10Page - ON Semiconductor MC74ACT299N Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC74AC299, MC74ACT299
http://onsemi.com
7
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
74ACT
74ACT
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = −40°C
to +85
°C
CL = 50 pF
Unit
Fig.
No.
Min
Typ
Max
Min
Max
f
Maximum Input
50
120
110
MHz
3−3
fmax
Maximum In ut
Frequency
5.0
120
110
MHz
3−3
tPLH
Propagation Delay
50
40
12 5
30
14
ns
3−6
tPLH
Pro agation Delay
CP to Q0 or Q7
5.0
4.0
12.5
3.0
14
ns
3−6
tPHL
Propagation Delay
50
40
13 5
35
15
ns
3−6
tPHL
Pro agation Delay
CP to Q0 or Q7
5.0
4.0
13.5
3.5
15
ns
3−6
tPLH
Propagation Delay
50
45
12 5
45
13 5
ns
3−6
tPLH
Pro agation Delay
CP to I/On
5.0
4.5
12.5
4.5
13.5
ns
3−6
tPHL
Propagation Delay
50
50
15
45
16 5
ns
3−6
tPHL
Pro agation Delay
CP to I/On
5.0
5.0
15
4.5
16.5
ns
3−6
tPHL
Propagation Delay
50
40
15
40
18
ns
3−6
tPHL
Pro agation Delay
MR to Q0 or Q7
5.0
4.0
15
4.0
18
ns
3−6
tPHL
Propagation Delay
50
40
14 5
35
17 5
ns
3−6
tPHL
Pro agation Delay
MR to I/On
5.0
4.0
14.5
3.5
17.5
ns
3−6
tPZH
Output Enable Time
50
25
12
15
13
ns
3−7
tPZH
Out ut Enable Time
OE to I/On
5.0
2.5
12
1.5
13
ns
3−7
tPZL
Output Enable Time
50
20
12
15
13 5
ns
3−8
tPZL
Out ut Enable Time
OE to I/On
5.0
2.0
12
1.5
13.5
ns
3−8
tPHZ
Output Disable Time
50
20
12 5
20
13 5
ns
3−7
tPHZ
Out ut Disable Time
OE to I/On
5.0
2.0
12.5
2.0
13.5
ns
3−7
tPLZ
Output Disable Time
50
25
11 5
20
12 5
ns
3−8
tPLZ
Out ut Disable Time
OE to I/On
5.0
2.5
11.5
2.0
12.5
ns
3−8
*Voltage Range 5.0 V is 5.0 V
±0.5 V.


Podobny numer części - MC74ACT299N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74ACT299N ONSEMI-MC74ACT299N Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
More results

Podobny opis - MC74ACT299N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com