Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ1223M Arkusz danych(PDF) 5 Page - Integral Corp.

Numer części IZ1223M
Szczegółowy opis  BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1223M Arkusz danych(HTML) 5 Page - Integral Corp.

  IZ1223M Datasheet HTML 1Page - Integral Corp. IZ1223M Datasheet HTML 2Page - Integral Corp. IZ1223M Datasheet HTML 3Page - Integral Corp. IZ1223M Datasheet HTML 4Page - Integral Corp. IZ1223M Datasheet HTML 5Page - Integral Corp. IZ1223M Datasheet HTML 6Page - Integral Corp. IZ1223M Datasheet HTML 7Page - Integral Corp. IZ1223M Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IZ1223M
5
,
,
,
,
,
H1
H2
H3
a9 c8
b8a8 c7
c6
c5
c4
c3
c2
c1
b7
b6
b5
b4
b3
b2
b1
a7
a6
a5
a4
a3
a2
a1
AUTO POWER OFF
Power automatically turns off after 9 - 11 minutes pass from the last key pressure. (S1 = Low, S2 =
High)
ON/C KEY
All operations except memory content are cleared by ON/C key.
TOUCH TONE (
♪) KEY
• When power is ON, the touch tone function is enable and the beep sound is generated output
during 125ms and
♪ sing is displayed on LCD.
• Selection of touch tone function is toggled by touch tone key.
• Output wave form.
MARK-UP AND MARK-DOWN CALCULATION
Mark-up and mark-down calculation are performed as follows.
ENTRY
DISPLAY
A
±
B
%
A
x
B
%
+OR-
=
A
A
B
A ± AB/100
A
A
B
AB/100
AB/100
A+AB/100 OR A --AB/100
- V
OC
- V
OA
ft = 2KHz
125 ms


Podobny numer części - IZ1223M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1225MR INTEGRAL-IZ1225MR Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1228M INTEGRAL-IZ1228M Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
More results

Podobny opis - IZ1223M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com