Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ1225MR Arkusz danych(PDF) 8 Page - Integral Corp.

Numer części IZ1225MR
Szczegółowy opis  BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1225MR Arkusz danych(HTML) 8 Page - Integral Corp.

  IZ1225MR Datasheet HTML 1Page - Integral Corp. IZ1225MR Datasheet HTML 2Page - Integral Corp. IZ1225MR Datasheet HTML 3Page - Integral Corp. IZ1225MR Datasheet HTML 4Page - Integral Corp. IZ1225MR Datasheet HTML 5Page - Integral Corp. IZ1225MR Datasheet HTML 6Page - Integral Corp. IZ1225MR Datasheet HTML 7Page - Integral Corp. IZ1225MR Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IZ1225M
8
PIN DESCRIPTION
Pa
d
Pad
Nam
I/O
Description
Pad
No.
Pad
Name
I/O
Description
1
PO
O
Piezo output
25
b7
O
Display output
2
K4
I
Key input
26
a7
O
Display output
3
K6
I
Key input
27
c6
O
Display output
4
K5
I
Key input
28
b6
O
Display output
5
P1
O
Strobe output
29
a6
O
Display output
6
P2
O
Strobe output
30
c5
O
Display output
7
A5
O
Strobe output
31
b5
O
Display output
8
A4
O
Strobe output
32
a5
O
Display output
9
A3
O
Strobe output
33
c4
O
Display output
10
A2
O
Strobe output
34
b4
O
Display output
11
K2
I
Key input
35
a4
O
Display output
12
K3
I
Key input
36
c3
O
Display output
13
Ti
I
Test input
37
b3
O
Display output
14
VB
38
a3
O
Display output
15
VA
39
c2
O
Display output
16
VC
40
b2
O
Display output
17
GND
Ground
41
a2
O
Display output
18
H3
O
COMMON 3
42
c1
O
Display output
19
H2
O
COMMON 2
43
b1
O
Display output
20
a9
O
Display output
44
a1
O
Display output
21
c8
O
Display output
45
H1
O
COMMON 1
22
b8
O
Display output
46
VGG
Power supply
23
a8
O
Display output
47
TST
I
Test
24
c7
O
Display output


Podobny numer części - IZ1225MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1228M INTEGRAL-IZ1228M Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

Podobny opis - IZ1225MR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com