Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ1236 Arkusz danych(PDF) 3 Page - Integral Corp.

Numer części IZ1236
Szczegółowy opis  8-DIGIT CALCULATOR WITH MARKER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1236 Arkusz danych(HTML) 3 Page - Integral Corp.

  IZ1236 Datasheet HTML 1Page - Integral Corp. IZ1236 Datasheet HTML 2Page - Integral Corp. IZ1236 Datasheet HTML 3Page - Integral Corp. IZ1236 Datasheet HTML 4Page - Integral Corp. IZ1236 Datasheet HTML 5Page - Integral Corp. IZ1236 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IZ1236
3
PURPOSE OF CONTACT PADS
Number of
contact pad
Symbol
Purpose
01
USB
Input of solar battery stabilizer
02
К4
Keyboard control input
03
К6
Keyboard control input
04
К5
Keyboard control input
05
Р1
Keyboard strobe output
06
Р2
Keyboard strobe output
07
А5
Keyboard strobe output
08
А4
Keyboard strobe output
09
А3
Keyboard strobe output
10
А2
Keyboard strobe output
11
К2
Keyboard control input
12
К3
Keyboard control input
13
TST
Test input
14
VB
Pin for capacity connection
15
VA
Pin for capacity connection
16
VC
Pin for capacity connection
17
GND
General output
18
H3
LCD general electrode control output
19
H2
LCD general electrode control output
20
c8
LCD segment control output
21
b8
LCD segment control output
22
a8
LCD segment control output
23
c7
LCD segment control output
24
b7
LCD segment control output
25
a7
LCD segment control output
26
c6
LCD segment control output
27
b6
LCD segment control output
28
a6
LCD segment control output
29
c5
LCD segment control output
30
b5
LCD segment control output
31
a5
LCD segment control output
32
c4
LCD segment control output
33
b4
LCD segment control output
34
a4
LCD segment control output
35
c3
LCD segment control output
36
b3
LCD segment control output
37
a3
LCD segment control output
38
c2
LCD segment control output
39
b2
LCD segment control output
40
a2
LCD segment control output
41
c1
LCD segment control output
42
b1
LCD segment control output
43
a1
LCD segment control output
44
H1
LCD general electrode control output
45
UDD
Power pin from voltage source
46
UOP
Solar battery stabilizer output
Note - LCD -liquid crystal display


Podobny numer części - IZ1236

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
More results

Podobny opis - IZ1236

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
   12-digit calculator
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
   Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD080 EMC-EMPCD080 Datasheet
375Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
logo
SHENZHEN FUMAN ELECTRON...
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD081 EMC-EMPCD081 Datasheet
376Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
EM34034 EMC-EM34034 Datasheet
525Kb / 18P
   10/12 DIGIT WITH TAX FUNCTION CALCULATOR
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
   8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com