Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ1236 Arkusz danych(PDF) 2 Page - Integral Corp.

Numer części IZ1236
Szczegółowy opis  8-DIGIT CALCULATOR WITH MARKER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1236 Arkusz danych(HTML) 2 Page - Integral Corp.

  IZ1236 Datasheet HTML 1Page - Integral Corp. IZ1236 Datasheet HTML 2Page - Integral Corp. IZ1236 Datasheet HTML 3Page - Integral Corp. IZ1236 Datasheet HTML 4Page - Integral Corp. IZ1236 Datasheet HTML 5Page - Integral Corp. IZ1236 Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IZ1236
2
ELECTRICAL CHARACTERISTICS (Ta = 25oC, VDD = +3.0V±0.2V, VSS=0V )
Symbol
Name of the parameter
Mode of
measurement
Standard
Unit
min
max
UOL
Output voltage of low level on outputs P1,
P2, A2-A5
UDD =1.5 V
IOL=15 µА
-
0.15
V
UOL1
Output voltage of low level on outputs а1-а8,
в1-в8, с1-с8, Н1-Н3
UDD =1.1 V
-
0.2
V
UDD =1.5 V
0.2
UDD =1.8 V
0.2
UOH1
Output voltage of high level on outputs Н1-
Н3
UDD =1.1 V
0.9
1.3
V
UDD =1.5 V
1.3
1.7
UDD =1.8 V
1.6
2.0
UOH2
Output voltage of high level on outputs а1-
а8, в1-в8, с1-с8, Н1-Н3
UDD =1.1 V
2.0
-
V
UDD =1.5 V
2.8
UDD =1.8 V
3.4
UC
Voltage on voltage doubler
UDD =1.1 V
2.0
-
V
UST
Voltage on stabilizer of solar battery
UI =3.0 V
1.6
2.0
V
IIL
Input current of low level on inputs K2-K6
UDD =1.5 V
UIL =0 V
0.3
3.0
µА
IIH
Input current of high level on inputs K2-K6
UDD =1.8 V
UIH =1.8 V
-
1.0
µА
Idis
Consumption current, in mode :
- "disoperation";
UDD =1.3 V
-
5.0
µА
Iopr
- "in operation ";
UDD =1.1 V
7.0
Ioff
- " switched off"
UDD =1.5 V
0.1
Td
Period of displaying information on LCD
UDD =1.3 V
-
18


Podobny numer części - IZ1236

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
More results

Podobny opis - IZ1236

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC34014SS FUMAN-TC34014SS Datasheet
338Kb / 11P
   12-digit calculator
SC876F FUMAN-SC876F Datasheet
394Kb / 11P
   Eight-digit calculator
SC2135B FUMAN-SC2135B Datasheet
339Kb / 7P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD080 EMC-EMPCD080 Datasheet
375Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
logo
SHENZHEN FUMAN ELECTRON...
TC34014AS FUMAN-TC34014AS Datasheet
367Kb / 12P
   10/12 digit calculator
logo
ELAN Microelectronics C...
EMPCD081 EMC-EMPCD081 Datasheet
376Kb / 16P
   8 DIGIT CALCULATOR WITH EURO EXCHANGE (BATTERY/SOLAR/ DUAL POWER TYPE)
EM34034 EMC-EM34034 Datasheet
525Kb / 18P
   10/12 DIGIT WITH TAX FUNCTION CALCULATOR
EMPCD082 EMC-EMPCD082 Datasheet
416Kb / 16P
   8 DIGIT CALCULATOR (BATTERY/SOLAR/ DUAL POWER TYPE)
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com