Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IZ7007 Arkusz danych(PDF) 4 Page - Integral Corp.

Numer części IZ7007
Szczegółowy opis  Circuit for electron pedometer - ergmeter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTEGRAL [Integral Corp.]
Strona internetowa  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ7007 Arkusz danych(HTML) 4 Page - Integral Corp.

  IZ7007 Datasheet HTML 1Page - Integral Corp. IZ7007 Datasheet HTML 2Page - Integral Corp. IZ7007 Datasheet HTML 3Page - Integral Corp. IZ7007 Datasheet HTML 4Page - Integral Corp. IZ7007 Datasheet HTML 5Page - Integral Corp. IZ7007 Datasheet HTML 6Page - Integral Corp. IZ7007 Datasheet HTML 7Page - Integral Corp. IZ7007 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IZ7007
4
Figure 3 -Control algorithm
*)
The seconds will be reset to 00 and 1 will be added
to minutes if the current seconds is between 30 and 59
**)
Current data reset with adding it to total data
***) Reset
CALENDAR
D
D
*)
PRESENT TIME
SET OF SECONDS
S
S
S
SET OF HOURS
SET OF MINUTES
S
SET OF MONTH
SET OF DATE
D
D
D
D
M
D
D
COUNT
QUANTITY OF STEPS
D
COUNT QUANTITY
OF CALORIES
COUNT DISTANCE
IN KILOMETERS
S
DATA OF CURRENT DAY
S
**)
M
D
D
D
D
S
***)
M
4 СЕК
D
COUNT DISTANCE
IN MILES
TOTAL DATA
COUNT
QUANTITY OF STEPS
COUNT QUANTITY
OF CALORIES
COUNT DISTANCE
IN KILOMETERS
COUNT DISTANCE
IN MILES


Podobny numer części - IZ7007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
More results

Podobny opis - IZ7007

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integral Corp.
IZ7010 INTEGRAL-IZ7010 Datasheet
392Kb / 14P
   CIRCUIT FOR ELECTRON PEDOMETER - ERGOMETER
logo
Shenzhen Titan Micro El...
TM9937 TITAN-TM9937 Datasheet
135Kb / 7P
   Three-phase electron-electrIc circuit
logo
OptoDiode Corp
AXUV100G OPTODIODE-AXUV100G Datasheet
150Kb / 2P
   ELECTRON DETECTION 100 mm Ideal for electron detection
logo
Shenzhen Titan Micro El...
TM9936 TITAN-TM9936 Datasheet
185Kb / 13P
   Three-phase electron-electrIc circuit
logo
SHENZHEN FUMAN ELECTRON...
SC63003 FUMAN-SC63003 Datasheet
235Kb / 6P
   Pedometer
SC73003 FUMAN-SC73003 Datasheet
243Kb / 6P
   Pedometer
logo
OptoDiode Corp
AXUVPS7 OPTODIODE-AXUVPS7 Datasheet
282Kb / 2P
   QUAD ELECTRON DETECTOR 15 mm Ideal for electron detection
logo
SHENZHEN FUMAN ELECTRON...
TC2152 FUMAN-TC2152 Datasheet
73Kb / 3P
   Pedometer IC
logo
List of Unclassifed Man...
437A ETC2-437A Datasheet
91Kb / 4P
   ELECTRON TUBE
logo
Hamamatsu Corporation
R6985-80 HAMAMATSU-R6985-80_15 Datasheet
134Kb / 2P
   ELECTRON MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com