Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2253-XXXGA Arkusz danych(PDF) 10 Page - OKI electronic componets

Numer części ML2253-XXXGA
Szczegółowy opis  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

ML2253-XXXGA Arkusz danych(HTML) 10 Page - OKI electronic componets

Back Button ML2253-XXXGA Datasheet HTML 6Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 7Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 8Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 9Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 10Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 11Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 12Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 13Page - OKI electronic componets ML2253-XXXGA Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
FEDL2250DIGEST-09
OKI Semiconductor
ML2250 family
10/36
ML2253/54-XXXHB
33pin W-CSP(Bottom View)
D5/DO
D3
D1
DGND
XT
XT
6
D6/SCK
D4
D2
D0
DVDD
TEST
5
AGND
D7/DI
RESET
TESTO2
4
DAO
AOUT
NCR1/NDR
TESTO1
RD
3
AVDD
DGND
CS
WR
BUSY1
NCR2/DL
2
SERIAL
OPTANA
DGND
DVDD
DW
BUSY2
/ERR
1
F
E
D
C
B
A


Podobny numer części - ML2253-XXXGA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
OKI electronic componet...
ML2252 OKI-ML2252 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
Micro Linear Corporatio...
ML2252BCP MICRO-LINEAR-ML2252BCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252BCQ MICRO-LINEAR-ML2252BCQ Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
ML2252CCP MICRO-LINEAR-ML2252CCP Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
More results

Podobny opis - ML2253-XXXGA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com