Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ML2302TB Arkusz danych(PDF) 6 Page - OKI electronic componets

Numer części ML2302TB
Szczegółowy opis  Recording and Playback LSI with Built-in 2-Bit ADPCM2 Supported FIFO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OKI [OKI electronic componets]
Strona internetowa  http://www.oki.com
Logo OKI - OKI electronic componets

ML2302TB Arkusz danych(HTML) 6 Page - OKI electronic componets

Back Button ML2302TB Datasheet HTML 2Page - OKI electronic componets ML2302TB Datasheet HTML 3Page - OKI electronic componets ML2302TB Datasheet HTML 4Page - OKI electronic componets ML2302TB Datasheet HTML 5Page - OKI electronic componets ML2302TB Datasheet HTML 6Page - OKI electronic componets ML2302TB Datasheet HTML 7Page - OKI electronic componets ML2302TB Datasheet HTML 8Page - OKI electronic componets ML2302TB Datasheet HTML 9Page - OKI electronic componets ML2302TB Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
FEDL2302DIGEST-05
OKI Semiconductor
ML2302
6/24
Pin
(WCSP)
Pin
(TQFP)
Symbol
Type
Description
J3
61
SIOCK
I/O
16-bit serial data transfer clock when external A/D or D/A
converter is used.
J4
58
VCK
I/O
Outputs sampling frequency selected. Input pin when slave
mode is selected.
J7
H7
51
50
XT
XT
I
O
Oscillator connection pins. when external clock is used, input
clock into XT pin and leave
XT pin open. Oscillation stops
during reset or power down mode. Figure (a) shows Oscillation
Equivalent Circuit.
E9
40
RESET
I
When this pin is “L”, the LSI is initialized and AOUT is set to the
GND level.
E8
39
FIFOST
I
When this pin is “L”, EMP, MID, and FULL of playback FIFO can
be monitored. When this pin is “H”, EMP, MID, and FULL of
record FIFO can be monitored.
B3
18
SG
O
Analog circuit signal ground pin. This pin is connected to GND
during reset or power down mode.
A4
C4
22
20
MIN
LIN
I
Inverting input pin for built-in OP amplifier. Non-inverting input
pin is connected to SG (Signal Ground).
B4
A3
21
19
MOUT
LOUT
O
MOUT is the output of internal OP amplifier to MIN, and LOUT
is to LIN.
A5
25
AOUT
O
This is the output of the analog playback waveform.
H6
52
VOXO
O
Voice level detection signal
H8, B2
49, 16
TEST0, 8
I
Pins for testing. Set the pins to “L”.
E3, G8
9, 46
DVDD
Digital power supply pin. Insert a minimum 0.1
µF bypass
capacitor between this pin and DGND pin
D7, G5
38, 57
DGND
Digital GND pin.
A2, B8
17, 33
AVDD
Analog power supply pin. Insert a minimum 0.1
µF bypass
capacitor between this pin and AGND pin.
C5, A8
23, 32
AGND
Analog GND pin.
C9, D8
36
35
CB1
CB2
O
This pin is used to connect a capacitor for voltage multiplier
power supply. Insert a 1
µF capacitor between CB1 and CB2.
C8
34
SPVDD
O
Voltage multiplier power supply output pin for speaker amplifier.
Connect a 1
µF capacitor to this pin in order to stabilize the
speaker amplifier circuit.
D9
37
VR
O
Bias output pin for speaker amplifier. Set this pin to the GND
level during reset or power down mode.
A6
26
SPIN
I
Voice signal input pin for speaker amplifier.
B6
27
SPOUT–
O
Speaker amplifier output pin. This pin outputs a signal in
reverse phase to the signal that is input to the SPIN pin.
C6
28
SPOUT+
O
Speaker amplifier output pin. This pin outputs a signal in phase
to the signal that is input to the SPIN pin.
D1, D2,
D3, C1,
C2, B1,
B5
10~15
,24
TEST2 to
7, 9
O
Pins for testing. Leave these pins open.


Podobny numer części - ML2302TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-2 MICRO-LINEAR-ML2330ES-2 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-3 MICRO-LINEAR-ML2330ES-3 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330ES-5 MICRO-LINEAR-ML2330ES-5 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
ML2330IS-2 MICRO-LINEAR-ML2330IS-2 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
More results

Podobny opis - ML2302TB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
MSM9842 OKI-MSM9842 Datasheet
124Kb / 9P
   Playback LSI with Built-in FIFO
MS87V1021 OKI-MS87V1021 Datasheet
458Kb / 63P
   Recording and Playback IC with Built-in 2-Mbit DRAM
logo
Sony Corporation
CXA2002R SONY-CXA2002R Datasheet
421Kb / 25P
   2-channel Recording/Playback Amplifier
logo
NXP Semiconductors
TDA1016 PHILIPS-TDA1016 Datasheet
58Kb / 9P
   Recording/playback and 2 W audio power amplifier
August 1987
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Panasonic Semiconductor
AN3371SB PANASONIC-AN3371SB Datasheet
74Kb / 7P
   2-head recording/playback amplifier IC
logo
Transcend Information. ...
TS2GMP330 TRANSCEND-TS2GMP330 Datasheet
169Kb / 3P
   Built-in USB connector And Line-in Recording
logo
OKI electronic componet...
MSM9888L OKI-MSM9888L Datasheet
106Kb / 14P
   Flash-driving Recording and Playback IC
logo
Sony Corporation
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com