Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STP08CDC596MTR Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STP08CDC596MTR
Szczegółowy opis  8-BIT CONSTANT CURRENT LED SINK DRIVER WITH FULL OUTPUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP08CDC596MTR Arkusz danych(HTML) 3 Page - STMicroelectronics

  STP08CDC596MTR Datasheet HTML 1Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 2Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 3Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 4Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 5Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 6Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 7Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 8Page - STMicroelectronics STP08CDC596MTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
STP08CDC596
3/20
Table 5: Thermal Data
Table 6: Recommended Operating Conditions
(1) If the device is connected in cascade, it may not be possible achieve the maximum data transfer. Please considered the timings carefully.
(2) In normal mode the OE/DM2 must remain low at least two clock cycles.
Table 7: Electrical Characteristics (VDD=5V, T = 25°C, unless otherwise specified.)
Symbol
Parameter
DIP-16
SO-16
TSSOP16
Unit
Rthj-amb
Thermal Resistance Junction-ambient
90
125
140
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
3.3
5.5
V
VO
Output Voltage
16.0
V
IO
Output Current
OUTn
15
120
mA
IOH
Output Current
SERIAL-OUT
+1
mA
IOL
Output Current
SERIAL-OUT
-1
mA
VIH
Input Voltage
0.7VDD
VDD+0.3
V
VIL
Input Voltage
-0.3
0.3VDD
V
twLAT
LE/DM1 Pulse Width
VDD = 3.0 to 3.6V
10
20
ns
twCLK
CLK Pulse Width
10
20
ns
twEN
OE/DM2 Pulse Width (1)
120
400
ns
tSETUP(D) Setup Time for DATA
5
20
ns
tHOLD(D)
Hold Time for DATA
4
15
ns
tSETUP(L) Setup Time for LATCH
8
15
ns
fCLK
Clock Frequency (2)
25
MHz
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIH
Input Voltage High Level
0.7VDD
VDD
V
VIL
Input Voltage Low Level
GND
0.3VDD
V
IOH
Output Leakage Current
VOH = 16 V
10
µA
VOL
Output Voltage (Serial-OUT) IOL = 1mA
0.4
V
VOH
Output Voltage (Serial-OUT) IOH = -1mA
VDD-0.4V
V
IOL1
Output Current
VO = 0.7V REXT = 910 Ω
18.8
20.9
24.00
mA
IOL2
VO = 0.7V REXT = 360 Ω
46.00
51.5
56.5
mA
∆IOL1
Output Current Error
between bit (All Output ON)
VO = 0.7V REXT = 910 Ω
± 2
± 5
%
∆IOL2
VO = 0.7V REXT = 360 Ω
± 1
± 4
%
RSIN(up)
Pull-up Resistor
150
300
600
K
RSIN(down) Pull-down Resistor
100
200
400
K
IDD(OFF1) Supply Current (OFF)
REXT = OPEN
OUT 0 to 7 = OFF
0.45
0.7
mA
IDD(OFF2)
REXT = 910 Ω
OUT 0 to 7 = OFF
3.0
6.0
IDD(OFF3)
REXT = 360 Ω
OUT 0 to 7 = OFF
8.2
12.0
IDD(ON1)
Supply Current (ON)
REXT = 910 Ω
OUT 0 to 7 = ON
3.1
6.2
IDD(ON2)
REXT = 360 Ω
OUT 0 to 7 = ON
8.4
12.8


Podobny numer części - STP08CDC596MTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596B1 STMICROELECTRONICS-STP08C596B1 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596M STMICROELECTRONICS-STP08C596M Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596MTR STMICROELECTRONICS-STP08C596MTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
STP08C596TTR STMICROELECTRONICS-STP08C596TTR Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results

Podobny opis - STP08CDC596MTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MBI5169 ETC-MBI5169 Datasheet
1Mb / 19P
   8 bit CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP24DP05 STMICROELECTRONICS-STP24DP05 Datasheet
470Kb / 26P
   24-bit constant current LED sink driver with output error detection
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
STMicroelectronics
STP08DP05 STMICROELECTRONICS-STP08DP05 Datasheet
531Kb / 30P
   Low voltage 8-Bit constant current Led sink with full outputs error detection
logo
List of Unclassifed Man...
MBI5027 ETC-MBI5027 Datasheet
450Kb / 24P
   16 BIT CONSTANT CURRENT LED SINK DRIVER WITH ERROR DETECTION
logo
STMicroelectronics
STP16DPP05 STMICROELECTRONICS-STP16DPP05 Datasheet
1Mb / 34P
   Low voltage 16-bit constant current LED sink driver with output error detection
April 2017 Rev 4
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
List of Unclassifed Man...
MBI5168 ETC1-MBI5168 Datasheet
269Kb / 15P
   8-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP08C596 STMICROELECTRONICS-STP08C596 Datasheet
553Kb / 16P
   8-BIT CONSTANT CURRENT LED SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com