Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AN8538SH Arkusz danych(PDF) 1 Page - Panasonic Semiconductor

Numer części AN8538SH
Szczegółowy opis  Single PLL IC for cellular phone
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANASONIC [Panasonic Semiconductor]
Strona internetowa  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN8538SH Arkusz danych(HTML) 1 Page - Panasonic Semiconductor

  AN8538SH Datasheet HTML 1Page - Panasonic Semiconductor AN8538SH Datasheet HTML 2Page - Panasonic Semiconductor AN8538SH Datasheet HTML 3Page - Panasonic Semiconductor AN8538SH Datasheet HTML 4Page - Panasonic Semiconductor AN8538SH Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ICs for Mobile Communication
1
AN8538SH
Single PLL IC for cellular phone
s Overview
The AN8538SH is a single PLL IC with a fixed
frequency dividing ratio for IF local oscillation of
a cellular phone. You can generate a local signal of
260.76 MHz by using a reference signal of 19.68
MHz or 19.8 MHz.
s Features
• Two reference frequencies of 19.68 MHz and 19.8
MHz are available. (Select by SELECT pin.)
• Power saving operation (V
CC = 2.7 V, 0.9 mA typ.)
• Power saving function (10 µA max.)
• Two systems of charge pump output (one of them
can be switched to on/off with SW pin.)
• Lock detection function
• SSONF-10D small package
s Applications
• IF local oscillation for cellular phone terminal
(CDMA for North America)
SSOP010-P-0225
Unit: mm
4.3±0.30
6.3±0.30
0.5±0.2
1
5
10
6
s Block Diagram
14-bit R counter
Phase comparator
Selector
Lock detection
15-bit N counter
1/16, 1/17 prescaler


Podobny numer części - AN8538SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Panasonic Semiconductor
AN8539SH PANASONIC-AN8539SH Datasheet
54Kb / 6P
   300 MHz-band single PLL IC
More results

Podobny opis - AN8538SH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH6941KN ROHM-BH6941KN Datasheet
375Kb / 6P
   LED Driver IC for Cellular Phone
BH6942KN ROHM-BH6942KN Datasheet
378Kb / 6P
   LED Driver IC for Cellular Phone
BH6943KN ROHM-BH6943KN Datasheet
376Kb / 6P
   LED Driver IC for Cellular Phone
BH6053GU ROHM-BH6053GU Datasheet
356Kb / 6P
   Power management IC for cellular phone
BH6951GU ROHM-BH6951GU Datasheet
326Kb / 6P
   Power management IC for cellular phone
logo
Semtech Corporation
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Mitsubishi Electric Sem...
M64811AGP MITSUBISHI-M64811AGP Datasheet
47Kb / 9P
   1.1GHz/500MHz DUAL PLL FREQUENCY SYNTHESIZER FOR DIGITAL CELLULAR PHONE
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com