Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FQP44N10F Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FQP44N10F
Szczegółowy opis  100V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP44N10F Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FQP44N10F Datasheet HTML 1Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 2Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 3Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 4Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 5Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 6Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 7Page - Fairchild Semiconductor FQP44N10F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQP44N10F Rev. A1
January 2006
FRFET
TM
FQP44N10F
100V N-Channel MOSFET
Features
• 43.5A, 100V, RDS(on) = 0.039Ω @VGS = 10 V
• Low gate charge ( typical 48 nC)
• Low Crss ( typical 85 pF)
•Fast switching
• 100% avalanche tested
• Improved dv/dt capability
•175
°C maximum junction temperature rating
Description
These N-Channel enhancement mode power field effect tran-
sist-ors are produced using Fairchild’s proprietary, planar stripe,
DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performanc-e, and withstand high energy pulse in the
avalanche and co-mmutation mode. These devices are well
suited for low voltage applications such as audio amplifier, high
efficiency switching DC/DC converters, and DC motor control.
Absolute Maximum Ratings
Thermal Characteristics
TO-220
FQP Series
G
S
D
D
G
S
Symbol
Parameter
FQP44N10F
Units
VDSS
Drain-Source Voltage
100
V
ID
Drain Current
- Continuous (TC = 25°C)
43.5
A
- Continuous (TC = 100°C)
30.8
A
IDM
Drain Current
- Pulsed
(Note 1)
174
A
VGSS
Gate-Source Voltage
± 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
530
mJ
IAR
Avalanche Current
(Note 1)
43.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
14.6
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
15
V/ns
PD
Power Dissipation (TC = 25°C)
146
W
- Derate above 25°C
0.97
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +175
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQP44N10F
Units
RθJC
Thermal Resistance, Junction-to-Case
1.03
°C/W
RθCS
Thermal Resistance, Case-to-Sink
0.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
°C/W


Podobny numer części - FQP44N10F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQP44N10 FAIRCHILD-FQP44N10 Datasheet
569Kb / 8P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP44N10 ISC-FQP44N10 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Podobny opis - FQP44N10F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com