Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS4897C Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FDS4897C
Szczegółowy opis  Dual N & P-Channel PowerTrench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS4897C Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FDS4897C Datasheet HTML 1Page - Fairchild Semiconductor FDS4897C Datasheet HTML 2Page - Fairchild Semiconductor FDS4897C Datasheet HTML 3Page - Fairchild Semiconductor FDS4897C Datasheet HTML 4Page - Fairchild Semiconductor FDS4897C Datasheet HTML 5Page - Fairchild Semiconductor FDS4897C Datasheet HTML 6Page - Fairchild Semiconductor FDS4897C Datasheet HTML 7Page - Fairchild Semiconductor FDS4897C Datasheet HTML 8Page - Fairchild Semiconductor FDS4897C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
November 2005
©2005 Fairchild Semiconductor Corporation
FDS4897C Rev C(W)
www.fairchildsemi.com
FDS4897C
Dual N & P-Channel PowerTrench
®
MOSFET
General Description
These dual N- and P-Channel enhancement mode
power field effect transistors are produced using
Fairchild
Semiconductor’s
advanced
PowerTrench
process that has been especially tailored to minimize
on-state resistance and yet maintain superior switching
performance.
Application
Inverter
Power Supplies
Features
Q1:
N-Channel
6.2A, 40V
R
DS(on) = 29mΩ @ VGS = 10V
R
DS(on) = 36mΩ @ VGS = 4.5V
Q2:
P-Channel
–4.4A, –40V R
DS(on) = 46mΩ @ VGS = –10V
R
DS(on) = 63mΩ @ VGS = –4.5V
High power handling capability in a widely used
surface mount package
RoHS compliant
S
D
S
S
SO-8
D
D
D
G
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
SO-8
4
3
2
1
5
6
7
8
Q1
Q2
Absolute Maximum Ratings T
A
= 25°C unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDSS
Drain-Source Voltage
40
40
V
VGSS
Gate-Source Voltage
±20
±20
V
ID
Drain Current
- Continuous
(Note 1a)
6.2
–4.4
A
- Pulsed
20
–20
PD
Power Dissipation for Dual Operation
2
W
Power Dissipation for Single Operation
(Note 1a)
1.6
(Note 1b)
1
(Note 1c)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
78
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
40
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
FDS4897C
FDS4897C
13”
12mm
2500 units


Podobny numer części - FDS4897C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS4897AC FAIRCHILD-FDS4897AC Datasheet
413Kb / 10P
   Dual N & P-Channel PowerTrench짰 MOSFET N-Channel: 40 V, 6.1 A, 26 m廓 P-Channel: -40 V, -5.2 A, 39 m廓
logo
VBsemi Electronics Co.,...
FDS4897AC-NL VBSEMI-FDS4897AC-NL Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Podobny opis - FDS4897C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS4885C FAIRCHILD-FDS4885C Datasheet
254Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8960C FAIRCHILD-FDS8960C Datasheet
175Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8962C FAIRCHILD-FDS8962C Datasheet
679Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958 FAIRCHILD-FDS8958 Datasheet
233Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS8958A FAIRCHILD-FDS8958A_10 Datasheet
804Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
FDS4895C FAIRCHILD-FDS4895C Datasheet
162Kb / 8P
   Dual N & P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS8958 KEXIN-KDS8958 Datasheet
78Kb / 3P
   Dual N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS8958A FAIRCHILD-FDS8958A_07 Datasheet
311Kb / 9P
   Dual N and P-Channel PowerTrench MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
SI9933ADY FAIRCHILD-SI9933ADY Datasheet
39Kb / 3P
   Dual P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com