Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FDS6692A Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części FDS6692A
Szczegółowy opis  N-Channel PowerTrench MOSFET 30V, 9A, 11.5mOhm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6692A Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  FDS6692A Datasheet HTML 1Page - Fairchild Semiconductor FDS6692A Datasheet HTML 2Page - Fairchild Semiconductor FDS6692A Datasheet HTML 3Page - Fairchild Semiconductor FDS6692A Datasheet HTML 4Page - Fairchild Semiconductor FDS6692A Datasheet HTML 5Page - Fairchild Semiconductor FDS6692A Datasheet HTML 6Page - Fairchild Semiconductor FDS6692A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
FDS6692A Rev. A1
www.fairchildsemi.com
3
Switching Characteristics (VGS = 10V)
Drain-Source Diode Characteristics
Notes:
1: Starting TJ = 25°C, L = 9.2mH, IAS = 7.2A, VDD = 30V, VGS = 10V.
2: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design while RθJA is determined by the user’s board design.
3: RθJA is measured with 1.0 in2 copper on FR-4 board
tON
Turn-On Time
VDD = 15V, ID = 9A
VGS = 10V, RGS = 6.2Ω
-
-
60
ns
td(ON)
Turn-On Delay Time
-
8
-
ns
tr
Rise Time
-
32
-
ns
td(OFF)
Turn-Off Delay Time
-
33
-
ns
tf
Fall Time
-
13
-
ns
tOFF
Turn-Off Time
-
-
69
ns
VSD
Source to Drain Diode Voltage
ISD = 9A
-
-
1.25
V
ISD = 2.1A
-
-
1.0
V
trr
Reverse Recovery Time
ISD = 9A, dISD/dt=100A/µs-
-
27
ns
QRR
Reverse Recovered Charge
ISD = 9A, dISD/dt=100A/µs-
-
17
nC


Podobny numer części - FDS6692A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDS6692A FAIRCHILD-FDS6692A_10 Datasheet
464Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
More results

Podobny opis - FDS6692A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
E-CMOS Corporation
EC733616 E-CMOS-EC733616 Datasheet
589Kb / 6P
   30V,9A,N-Channel MOSFET
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com