Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN6520BIMX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN6520BIMX
Szczegółowy opis  Single Synchronous Buck PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6520BIMX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN6520BIMX Datasheet HTML 1Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 2Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 3Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 4Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 5Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 6Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 7Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 8Page - Fairchild Semiconductor FAN6520BIMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
FAN6520B Rev. 1.0.3
Electrical Specifications
VCC = 5V, and TA = 25°C using circuit in Figure 1 unless otherwise noted. The • denotes specifications which apply
over the full operating temperature range.
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality
control.
2. Specifications guaranteed by design/characterization (not production tested).
3. To ensure shutdown, COMP/SD pin should be held below 400mV while sinking 6mA of current.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Supply Current
VCC Current
IVCC
HDRV, LDRV open
1.5
2.4
3.8
mA
Power-On Reset
Rising VCC POR Threshold
POR
4.00
4.22
4.45
V
VCC POR Threshold Hysteresis
170
mV
Oscillator
Frequency
FOSC
FAN6520B
250
300
340
kHz
FAN6520BI
230
300
340
kHz
Ramp Amplitude
∆V
OSC
1.5
Vp-p
Reference
Reference Voltage
VREF
TA = 0 to 70°C
788
800
812
mV
FAN6520BI
780
800
820
mV
Error Amplifier
DC Gain
Note 2
88
dB
Gain – Bandwidth Product
GBW
Note 2
15
MHz
Slew Rate
S/R
Note 2
8
V/µs
Gate Drivers
HDRV pull-up resistance
RHUP
2.5
HDRV pull-down resistance
RHDN
2.0
LDRV pull-up resistance
RLUP
2.5
LDRV pull-down resistance
RLDN
1.0
Disable
Disable Threshold
VDISABLE
Note 3
400
800
mV


Podobny numer części - FAN6520BIMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520A FAIRCHILD-FAN6520A Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIM FAIRCHILD-FAN6520AIM Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
FAN6520AIMX FAIRCHILD-FAN6520AIMX Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
More results

Podobny opis - FAN6520BIMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A_06 Datasheet
482Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404_1 Datasheet
379Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Fairchild Semiconductor
FAN6520A FAIRCHILD-FAN6520A Datasheet
580Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8238B RICHTEK-RT8238B Datasheet
219Kb / 15P
   Single Synchronous Buck PWM Controller
logo
Taiwan Semiconductor Co...
TS3405 TSC-TS3405 Datasheet
409Kb / 10P
   Single Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8228A RICHTEK-RT8228A Datasheet
201Kb / 15P
   Single Synchronous Buck PWM Controller
October 2021
logo
BCD Semiconductor Manuf...
AP3586A,B,C BCDSEMI-AP3586A,B,C Datasheet
624Kb / 17P
   Single Phase Synchronous Buck PWM Controller
AP3581A,B,C BCDSEMI-AP3581A,B,C Datasheet
575Kb / 13P
   Single Phase Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8120 RICHTEK-RT8120_V01 Datasheet
223Kb / 17P
   Single-Phase Synchronous Buck PWM Controller
logo
Diodes Incorporated
AP3581A DIODES-AP3581A Datasheet
756Kb / 13P
   SINGLE PHASE SYNCHRONOUS BUCK PWM CONTROLLER
November 2018 Rev. 2 - 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com