Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1537PC Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN1537PC
Szczegółowy opis  Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1537PC Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN1537PC Datasheet HTML 1Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 2Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 3Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 4Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 5Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 6Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 7Page - Fairchild Semiconductor FAN1537PC Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.fairchildsemi.com
REV. 1.1.1 3/20/02
Features
• Low dropout voltage
• Load regulation: 0.05% typical
• On-chip thermal limiting
• SO-8 and 5-lead SPAK and TO-252 DPAK packages
• Fixed 3.3V, and adjustable or 2.5V or 1.8V fixed
• Stable with low ESR output capacitors
Applications
• Hard Disk Drives, CD-ROMs, DVDs
• High efficiency linear regulators
• Post regulators for switching supplies
• ADSL and Cable Modems
• 5V to 3.3V and 2.5V linear regulators
• Motherboard with multiple supplies
Description
The FAN1537 provides 2 output voltages: 3.3V, and either
adjustable or 2.5V or 1.8V fixed with 1.0A each output
current capability. These devices have been optimized for
low voltage where transient response and minimum input
voltage are critical.
Current limit features protect the outputs against short circuit
currents. On-chip thermal limiting provides protection
against any combination of overload and ambient tempera-
ture that would create excessive junction temperatures.
The FAN1537 series regulators are available in SO-8 and
5-lead SPAK and TO-252 DPAK power packages.
Typical Applications
V2 = VREF (1 + R1/R2)
22
µF
2.5V at 1.0A
3.3V at 1.0A
22
µF
VIN = 5V
+
+
VIN
V1
NC GND
V2
FAN1537A
22
µF
+
22
µF
2.5V at 1.0A
3.3V at 1.0A
+
22
µF
+
22
µF
3.3V at 1.0A
22
µF
VIN = 5V
+
+
VIN
V1
GND
FB
V2
FAN1537B
22
µF
+
22
µF
R1
54.9
R2
124
1.8V at 1.0A
3.3V at 1.0A
+
22
µF
+
FAN1537
Dual 1A Adjustable/Fixed Low Dropout
Linear Regulators


Podobny numer części - FAN1537PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

Podobny opis - FAN1537PC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com