Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC374TWN1-65G-A1 Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części LC374TWN1-65G-A1
Szczegółowy opis  Ultra Bright White 3mm LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LC374TWN1-65G-A1 Arkusz danych(HTML) 1 Page - Marktech Corporate

  LC374TWN1-65G-A1 Datasheet HTML 1Page - Marktech Corporate LC374TWN1-65G-A1 Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ultra Bright White 3mm LED
LC374TWN1−65G−A1
Features
Stand Offs
Applications
Advertising Signs
Indicators
Illumination Applications
LCD Backlight
Maximum Ratings (Ta=25
o
C)
Characteristic
Symbol
Max.
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
100.00
mW
Operating Temperature
Topr
−40 ~ +95
o
C
Storage Temperature
Tstg
−40 ~ +100
o
C
Soldering Temperature
Tsol
260
o
C
Soldering Time
for 3 sec. max
Opto−Electrical Characteristics (Ta=25
o
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20mA
3.40
4.00
V
Reverse Current
IR
VR=5V
100
µA
Luminous Intensity
IV
IF=20mA
1100.00
1700.00
mcd
Viewing Angle
2
θ1/2
30
o
deg.
Peak Wavelength
λp
IF=20mA
465
nm
Dominant Wavelength
λd
IF=20mA
X=.31, Y=.32
nm
Spectral Line Half Width
∆λ
IF=20mA
0
nm
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Podobny numer części - LC374TWN1-65G-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
LC374TWN1-65H-A1 MARKTECH-LC374TWN1-65H-A1 Datasheet
48Kb / 2P
   Ultra Bright White 3mm LED
logo
Cree, Inc
LC374TWN1-65P-A1 CREE-LC374TWN1-65P-A1 Datasheet
354Kb / 6P
   3-mm Round LED
LC374TWN1-65Q-A1 CREE-LC374TWN1-65Q-A1 Datasheet
355Kb / 6P
   3-mm Round LED
More results

Podobny opis - LC374TWN1-65G-A1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Marktech Corporate
LC374TWN1-25G-A1 MARKTECH-LC374TWN1-25G-A1 Datasheet
49Kb / 2P
   Ultra Bright White 3mm LED
MT0303-WH MARKTECH-MT0303-WH Datasheet
356Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-65H-A1 MARKTECH-LC374TWN1-65H-A1 Datasheet
48Kb / 2P
   Ultra Bright White 3mm LED
LC374TWN1-25H-A1 MARKTECH-LC374TWN1-25H-A1 Datasheet
24Kb / 2P
   Ultra Bright White 3mm LED
logo
P-tec Corporation
PL16D-WCW24Z P-TEC-PL16D-WCW24Z Datasheet
74Kb / 1P
   Ultra Bright White LED
PL16F-WCW15Z P-TEC-PL16F-WCW15Z Datasheet
29Kb / 1P
   Ultra Bright White LED
PL16E-WCW15Z P-TEC-PL16E-WCW15Z Datasheet
30Kb / 1P
   Ultra Bright White LED
logo
Marktech Corporate
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
   Ultra Bright Blue 3mm LED
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
   Ultra Bright Orange 3mm LED
MT2303B-UG MARKTECH-MT2303B-UG Datasheet
377Kb / 2P
   Ultra Bright Green 3mm LED
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com