Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6392 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części AD6392
Szczegółowy opis  4-CH MOTOR DRIVE IC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

AD6392 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AD6392 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 9Page - List of Unclassifed Manufacturers AD6392 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
- 6 -
April. 2002 (Rev.0)
www.interpionsemi.com
AD6392
4-CH MOTOR DRIVE IC
APPLICATION SUMMARY
- Mute function through power reference or signal reference pins
Muting all channel drivers can be obtained through power reference or signal reference pins. Fig.1 shows
the simplified schematic diagram for power/signal reference mute.
Pin6, Pin23, Pin25
Mute
Above 1.0V
off
Below 1.0V
on
Fig. 1 Power reference, Signal reference & all mute function
As it can be seen in Fig. 1, pin6, pin23 and pin25 are connected
to the positive input terminals of comparators, and the internal
1.0V reference is connected to the negative input terminals.
Thus, if the voltage applied to each pins falls below 1.0V, Q1
and Q2 become on and hence the bias currents for all channel
drivers become to be shut down. Thus all mute function can be
carried out.


Podobny numer części - AD6392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD639 AD-AD639 Datasheet
900Kb / 12P
   UNIVERSAL TRIGONOMETRIC FUNCTION CONVERTER
AD639 AD-AD639_15 Datasheet
1Mb / 12P
   Universal Trigonometric Function Converter
More results

Podobny opis - AD6392

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Interpion semiconductor
IP5954A INTERPION-IP5954A Datasheet
175Kb / 10P
   4-CH MOTOR DRIVE IC
logo
Fairchild Semiconductor
FAN8727 FAIRCHILD-FAN8727 Datasheet
480Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8727 FAIRCHILD-FAN8727_04 Datasheet
567Kb / 24P
   Spindle 4-CH Motor Drive IC
FAN8729 FAIRCHILD-FAN8729 Datasheet
487Kb / 24P
   Spindle4-CH Motor Drive IC
logo
Interpion semiconductor
IP4504A INTERPION-IP4504A Datasheet
129Kb / 5P
   5-CH MOTOR DRIVE IC
IP4011 INTERPION-IP4011 Datasheet
709Kb / 23P
   5-CH MOTOR DRIVE IC
logo
Ceramate Technical
CMD4504 CERAMATE-CMD4504 Datasheet
205Kb / 6P
   5-CH Motor Drive IC
logo
Panasonic Semiconductor
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
   2-ch Motor drive IC
logo
Interpion semiconductor
IP9005 INTERPION-IP9005 Datasheet
210Kb / 15P
   5-CH MOTOR DRIVE IC
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com