Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BY397G Arkusz danych(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Numer części BY397G
Szczegółowy opis  CURRENT 3.0 Amperes VOLTAGE 100 TO 800 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAESAN [DAESAN ELECTRONIC CORP.]
Strona internetowa  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

BY397G Arkusz danych(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  BY397G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. BY397G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY396G THRU BY399G
Features
Mechanical Data
· Plastic package has Underwrites Laboratory Flammability
Classification 94V-0
· Fast switching high efficiency
· Glass passivated junction
· High current capability
· High temperature soldering guaranteed : 250℃/10 seconds,
0.375"(9.5mm) lead length, 5 lbs.(2.3kg) tension.
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Plated axial lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.041 ounce, 1.18 grams
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 3.0 Amperes
VOLTAGE 100 to 800 Volts
Notes:
(1) Test conditions: IF=0.5A, IR=1.0A, Irr=0.25A.
(2) Measured at 1MHz and applied reverse voltage of 4.0 Volts.
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 10ms single half
sine-wave superimposed on rated
load at TA=25℃
VDC
Maximum average forward rectified current
R load at TA=50℃
Maximum instantaneous forward voltage
at 3.0A
VRRM
Volts
Symbols
Units
1.3
VF
VRMS
3.0
Amps
Amps
100.0
IFSM
TJ
TSTG
30
-65 to +175
Volts
Maximum DC reverse
current at rated DC
blocking voltage
Maximum reverse recovery time (Note 1)
Typical junction capacitance (Note 2)
Operating junction and storage
temperature range
100
BY396G
70
100
5.0
Volts
μA
ns
pF
I(AV)
IR
Trr
25.0
CJ
200
BY397G
140
200
400
BY398G
280
400
800
BY399G
560
800
Max.thermal resistance
250
RθJA
℃/W
TA=25℃
TA=125℃
125
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Podobny numer części - BY397G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Shunye Electro...
BY397G SY-BY397G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
BY397G SHUNYE-BY397G Datasheet
1Mb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
Microdiode Electronics ...
BY397G CHENDA-BY397G Datasheet
534Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results

Podobny opis - BY397G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DAESAN ELECTRONIC CORP.
RS3A DAESAN-RS3A Datasheet
328Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 800 Volts
BY396 DAESAN-BY396 Datasheet
337Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 100 to 1000 Volts
logo
Pan Jit International I...
BY396 PANJIT-BY396 Datasheet
60Kb / 2P
   SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 100 to 800 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
MR820 DAESAN-MR820 Datasheet
275Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 800 Volts
logo
Pan Jit International I...
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
DAESAN ELECTRONIC CORP.
RS2A DAESAN-RS2A Datasheet
325Kb / 2P
   CURRENT 1.5 Amperes VOLTAGE 50 to 800 Volts
logo
Guangdong Juxing Electr...
ER300 JUXING-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
Continental Device Indi...
ER300 CDIL-ER300 Datasheet
483Kb / 2P
   VOLTAGE 50 to 800 Volts CURRENT 3.0 Ampere
logo
DAESAN ELECTRONIC CORP.
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com