Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4555 Arkusz danych(PDF) 3 Page - Asahi Kasei Microsystems

Numer części AK4555
Szczegółowy opis  Low Power & Small Package 20bit ?誇 CODEC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4555 Arkusz danych(HTML) 3 Page - Asahi Kasei Microsystems

  AK4555 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4555 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ASAHI KASEI
[AK4555]
MS0363-E-01
2005/08
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VCOM
O
Common Voltage Output Pin, 0.5 x VDD
2
AINR
I
Rch Analog Input Pin
3
AINL
I
Lch Analog Input Pin
4
VSS
-
Ground Pin
5
VDD
-
Power Supply Pin
6
DEM0
I
De-emphasis Control Pin
7
DEM1
I
De-emphasis Control Pin
8
SDTO
O
Audio Serial Data Output Pin
9
SDTI
I
Audio Serial Data Input Pin
10
LRCK
I
Input/Output Channel Clock Pin
11
MCLK
I
Master Clock Input Pin
12
SCLK
I
Audio Serial Data Clock Pin
13
PWADN
I
ADC Power-Down & Reset Mode Pin
“L”: Power down. ADC should always be reset upon power-up.
14
PWDAN
I
DAC Power-Down & Reset Mode Pin
“L”: Power down. DAC should always be reset upon power-up.
15
AOUTL
O
Lch Analog Output Pin
16
AOUTR
O
Rch Analog Output Pin
Note: All input pins except analog input pins (AINR and AINL) should not be left floating.
Handling of Unused Pin
The unused I/O pins should be processed appropriately as below.
Classification
Pin Name
Setting
Analog
AINR, AINL, AOUTL, AOUTR
These pins should be open.
SDTO
This pin should be open.
Digital
SDTI
This pin should be connected to VSS.


Podobny numer części - AK4555

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4550 AKM-AK4550 Datasheet
845Kb / 22P
   EVALUATION BOARD REV.C FOR AK4550
AK4550VT AKM-AK4550VT Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4551 AKM-AK4551 Datasheet
110Kb / 17P
   EVALUATION BOARD REV.C FOR AK4551
More results

Podobny opis - AK4555

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4551 AKM-AK4551 Datasheet
109Kb / 15P
   LOW POWER & SMALL PACKAGE 20BIT CODEC
AK4554 AKM-AK4554 Datasheet
197Kb / 17P
   Low Power & Small Package 16bit ?誇 CODEC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4562 AKM-AK4562 Datasheet
167Kb / 29P
   LOW POWER 20BIT CODEC WITH PGA
AK4550 AKM-AK4550 Datasheet
102Kb / 15P
   LOW POWER & SMALL PACKAGE 16BIT CODEC
AK4522 AKM-AK4522_12 Datasheet
192Kb / 19P
   20Bit Stereo ?誇 ADC & DAC
AK4565 AKM-AK4565 Datasheet
249Kb / 33P
   LOW POWER 20BIT CODEC WITH BUILT IN ALC
AK4556 AKM-AK4556 Datasheet
182Kb / 22P
   3V 192kHz 24Bit ?誇 CODEC
AD5354 AKM-AD5354 Datasheet
156Kb / 19P
   Low Power 20bit ADC with PGA
AK4566 AKM-AK4566 Datasheet
437Kb / 45P
   20bit Stereo CODEC with built-in IPGA & HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com