Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

TB62731FUG Dane(HTML) 5 Page - Marktech Corporate

Numer części TB62731FUG
Szczegółowy opis  Step-up DC-DC Converter for White LED Driver
Pobierz  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62731FUG Datasheet(Arkusz danych) 5 Page - Marktech Corporate

  TB62731FUG Datasheet HTML 1Page - Marktech Corporate TB62731FUG Datasheet HTML 2Page - Marktech Corporate TB62731FUG Datasheet HTML 3Page - Marktech Corporate TB62731FUG Datasheet HTML 4Page - Marktech Corporate TB62731FUG Datasheet HTML 5Page - Marktech Corporate TB62731FUG Datasheet HTML 6Page - Marktech Corporate TB62731FUG Datasheet HTML 7Page - Marktech Corporate TB62731FUG Datasheet HTML 8Page - Marktech Corporate TB62731FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TB62731FUG
2004-09-14
5
Figure 1
Application Circuit
The basic TB62731FUG circuit uses a step-up DC-DC converter and burst control of the current pulse.
Basic Operation
The internal MOS transistor (NMOS) is turned on at fOSC = 350 kHz, charging energy to the inductor.
The inductance current IL increases from 0. When IL = ILpeak = 240 mA (typ.) or when 5/6 (83.3%) of fOSC (=
350 kHz) is reached, the transistor is turned off.
At that time, the coil maintains IL = ILpeak, the Schottky diode is turned on, and IL = Ic2 flows. Then, Ic2
decreases, reaching IL = 0.
The above operation repeats. When Ic2 is fully charged, the surplus current becomes Io, which flows to the
LED.
The graph below shows details of the basic pulse used for burst control.
Figure 2
Switching Waveform of Inductance
IL, ILpeak
Maximum duty: 83.3% of fOSC
With low inductance
With high inductance
T
= 1/fOSC, fOSC = 350 kHz (typ.)
VIN
OSC
S
Q
R
Buffer
350 kHz
STB
A
REF
i (add)
i (sub)
A
K
GND
R_sens
VCC
C1
NMOS
IL, ILpeak
Ic2
C2
Io
SHDN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.PL
Czy Alldatasheet okaza?a się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn