Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TCA62735AFLG Arkusz danych(PDF) 1 Page - Marktech Corporate

Numer części TCA62735AFLG
Szczegółowy opis  Charge Pump type DC/DC Converter for White LED Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MARKTECH [Marktech Corporate]
Strona internetowa  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TCA62735AFLG Arkusz danych(HTML) 1 Page - Marktech Corporate

  TCA62735AFLG Datasheet HTML 1Page - Marktech Corporate TCA62735AFLG Datasheet HTML 2Page - Marktech Corporate TCA62735AFLG Datasheet HTML 3Page - Marktech Corporate TCA62735AFLG Datasheet HTML 4Page - Marktech Corporate TCA62735AFLG Datasheet HTML 5Page - Marktech Corporate TCA62735AFLG Datasheet HTML 6Page - Marktech Corporate TCA62735AFLG Datasheet HTML 7Page - Marktech Corporate TCA62735AFLG Datasheet HTML 8Page - Marktech Corporate TCA62735AFLG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TCA62735AFLG
TOSHIBA CMOS INTEGRATED CIRCIUTS SILICON MONOLITHIC
TCA62735AFLG
Charge Pump type DC/DC Converter for White LED Driver
The TCA62735AFLG is a charge pump type DC/DC Converter
specially designed for constant current driving of White LED.
This IC can outputs LED current 120mA or more to 2.8-4.2V input.
This IC observes the power-supply voltage and the output voltage,
and does an automatic change to the best of step up mode 1, 1.5 or
2 times. It is possible to prolong the battery longevity to its
maximum.
This IC is especially for driving back light white LEDs in LCD of PDA,
Cellular Phone, or Handy Terminal Equipment.
Characteristics
Fabricating with CMOS Process
Package : QFN16 (4mm × 4mm × 0.8mm)
Input Voltage : 2.8V (Min)
Output Voltage : 4.2V (Min)
Switching Frequency : 1MHz(Typ.)
Output Drive Current Capability : Greater than 120mA
4 Channels Built in Constant Sink Current Drivers
Sink Current Adjustment by External Resistance
Soft Start Function
• Output Open Detection Function
• Integrated protection circuit TSD (Thermal Shut Down)
Pin Assignment (top view)
Weight: 0.016 g (Typ.)
EN
CTL0
CTL1
CTL2
GND
C2+
C2
C1
30mA
VIN=2.8~4.2V
C1
1.0µF
C1–
C1+
EN
CTL0
CTL1
CTL2
VIN
GND
C2
1.0µF
COUT
1.0µF
CIN
2.2µF
RSET
8kΩ
ISET
30mA
30mA
30mA
ILED4
ILED3
ILED2
ILED1
VOUT
C2–
C2+
Application Diagram
Web: www.marktechopto.com | Email: info@marktechopto.com
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Podobny numer części - TCA62735AFLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
More results

Podobny opis - TCA62735AFLG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TCA62735AFLG TOSHIBA-TCA62735AFLG Datasheet
523Kb / 18P
   Charge Pump type DC/DC Converter for White LED Driver
TB62733FTG TOSHIBA-TB62733FTG Datasheet
614Kb / 12P
   Charge Pump type DC/DC Converter for White LED Driver
TCA62753FUG TOSHIBA-TCA62753FUG Datasheet
351Kb / 10P
   Charge Pump type DC/DC Converter for White LED Driver
logo
Sanyo Semicon Device
LA7995M SANYO-LA7995M Datasheet
38Kb / 5P
   Charge Pump Type DC-DC Converter
logo
Fairchild Semiconductor
FAN5609 FAIRCHILD-FAN5609 Datasheet
112Kb / 11P
   LED Driver with Adaptive Charge Pump DC/DC Converter
FAN5607 FAIRCHILD-FAN5607 Datasheet
546Kb / 13P
   LED Driver with Adaptive Charge Pump DC/DC Converter
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
CM9156B CALMIRCO-CM9156B Datasheet
545Kb / 13P
   Charge-Pump White LED Driver
logo
Orister Corporation
RS9360A ORISTER-RS9360A Datasheet
483Kb / 8P
   Charge-Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144 Datasheet
310Kb / 12P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com