Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISO255 Arkusz danych(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ISO255
Szczegółowy opis  Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO255 Arkusz danych(HTML) 2 Page - Burr-Brown (TI)

  ISO255 Datasheet HTML 1Page - Burr-Brown (TI) ISO255 Datasheet HTML 2Page - Burr-Brown (TI) ISO255 Datasheet HTML 3Page - Burr-Brown (TI) ISO255 Datasheet HTML 4Page - Burr-Brown (TI) ISO255 Datasheet HTML 5Page - Burr-Brown (TI) ISO255 Datasheet HTML 6Page - Burr-Brown (TI) ISO255 Datasheet HTML 7Page - Burr-Brown (TI) ISO255 Datasheet HTML 8Page - Burr-Brown (TI) ISO255 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
ISO255
ISO255P
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISOLATION
Voltage Rated Continuous:
AC
TMIN to TMAX
1500
Vrms
100% Test (AC 50Hz)
1s; Partial Discharge
≤ 5pC
2500
Vrms
Rated One Min
2500
Vrms
Isolation-Mode Rejection
DC
120
dB
AC 50Hz
1500Vrms
95
dB
Barrier Impedance
1014 || 2
Ω || pF
Leakage Current
VISO = 240Vrms, 50Hz
1.4
2
µArms
GAIN
Gain Equation
1 + 50k
Ω/R
G
V/V
Gain Error
G = 1
0.15
±0.35
%
G = 10
0.15
G = 100
0.15
±0.95
%
G = 1000
0.2
Gain vs Temperature
G = 1
±50
ppm/
°C
G = 10
±50
ppm/
°C
G = 100
±50
ppm/
°C
G = 1000
±50
ppm/
°C
Nonlinearity
G = 1
±0.05
±0.102
%
G = 10
±0.05
G = 100
±0.05
±0.104
%
G = 1000
±0.05
INPUT OFFSET VOLTAGE
Initial Offset
± (0.125 + 101/G)
mV
vs Temperature
± (1 + 520/G)
µV/°C
CMRR
90
dB
vs Supply
1
mV/V
INPUT
Voltage Range
±10
V
Bias Current
±10
nA
vs Temperature
±40
pA/
°C
Offset Current
±10
nA
vs Temperature
±40
pA/
°C
OUTPUT
Voltage Range
±10
V
Current Drive
±5mA
Capacitive Load Drive
0.1
µF
Ripple Voltage
25
mVp-p
FREQUENCY RESPONSE
Small Signal Bandwidth
G = 1
50
kHz
G = 10
50
kHz
G = 100
30
kHz
G = 1000
4
kHz
Slew Rate
G = 10
0.2
V/
µs
Settling Time, 0.1%
G = 1
20
µs
G = 10
20
µs
G = 100
30
µs
G = 1000
240
µs
POWER SUPPLIES
Rated Voltage
15
V
Voltage Range
11
18
V
Quiescent Current
25
40
55
mA
Rated Output Voltage
No Load
13
14.5
V
50mA Load On Two Supplies
12
13.2
16
V
Load Regulation
28
mV/mA
Line Regulation
1
V/V
SYNC Frequency
1
1.4
MHz
Output Voltage Ripple
50
mV
TEMPERATURE RANGE
Operating
–40
85
°C
Storage
–40
85
°C
SPECIFICATIONS
At TA = +25°C, VS3 = 15V, RL = 2kΩ, and 220nF capacitors on all generated supplies, unless otherwise noted.


Podobny numer części - ISO255

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO253P BURR-BROWN-ISO253P Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO254 BURR-BROWN-ISO254 Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
ISO254P BURR-BROWN-ISO254P Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
More results

Podobny opis - ISO255

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
ISO254 BURR-BROWN-ISO254 Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
ISO175 BURR-BROWN-ISO175 Datasheet
160Kb / 8P
   Precision, Isolated INSTRUMENTATION AMPLIFIER
ISO213 BURR-BROWN-ISO213 Datasheet
131Kb / 13P
   Two-Port Isolated, Low Profile ISOLATED INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com