Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL190EM-1 Datasheet(Arkusz danych) 1 Page - Analog Devices

Numer części ADXL190EM-1
Szczegółowy opis  ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

   
 1 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
ADXL105/ADXL150/ADXL250/ADXL190
Evaluation Modules
ADXL105EM-1, ADXL105EM-3, ADXL150EM-1, ADXL150EM-3, ADXL190EM-1
FEATURES
High Performance Prepackaged Accelerometers
Complete Acceleration Measurement System
Small, Low Cost, Ready-to-Use
4
g,
10
g, 100 Hz Single and Multiaxis Versions
Wide Dynamic Range:
100
g Single Axis
Low Power Supply Current
+5 V Single Supply Operation
Easy Screw-Down/Bolt-Down Mounting
APPLICATIONS
Vibration Analysis, Seismic and Earthquake Monitor-
ing, Crash Sensing, Robotic Applications, Shipping
and Transportation Shock Monitoring, Active Sus-
pension Applications, Medical Analysis, Active Sound
Cancellation, and Much More
GENERAL DESCRIPTION
The ADXL105EM, ADXL150EM, and ADXL190EM evaluation
modules provide a complete acceleration measurement system in
a low cost package. These modules simplify the evaluation and
testing of our ADXL105/ADXL150/ADXL190/ADXL250
monolithic accelerometer ICs.
The ADXL105, ADXL150, ADXL190 (single) and ADXL250
(dual axis) accelerometers offer low noise and high signal-to-noise
ratios. In addition, the scale factor and 0 g output level are both
ratiometric to the power supply so the accelerometer and any fol-
lowing circuitry (such as an ADC, etc.) will track each other if
the supply voltage varies.
Each module contains one or more ADXL105, ADXL150, or
ADXL190 series accelerometers precalibrated to a convenient
output scale factor with onboard low-pass filtering.
All that is required to use these modules is a +5 volt power sup-
ply. The module should be attached (i.e., screwed or glued
down) securely to the object being measured, taking care that
the axis of sensitivity, indicated by the large arrow on the top of
the module, is aligned with the expected acceleration.
Modules are available in other package styles (such as rug-
gedized metallic box) and in other g ranges from our third party
partners. See our web site at: www.analog.com/imems/ for more
information.
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
0.75 (19.05)
36.0
(914.4)
TYP
1.00
(25.4)
1.375
(34.93)
1.875
(47.63)
1.0
(25.4)
0.188 (4.78) DIA
FUNCTION
+5VDC
COM RTN
A1 (X) OUT
A2 (Y) OUT
A3 (Z) OUT
COLOR
RED
BLACK
WHITE
YELLOW
GREEN
PIN #
1
2
3
4
5
CABLE SIGNAL COLOR CODE
0.25 (6.35) R
0.188 (4.78)
DIA
1.00 (25.4)
1.375 (34.93)
1.875 (47.63)
1.00
(25.4)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000




Html Pages

1  2 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
EVAL-AD7472CBEvaluation Board for 12-bit high speed low power successive-approximation ADC 1 2 3 4 5 MoreAnalog Devices
EVAL-ADF4213EB22.35GHz Dual Evaluation Board For PLL Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
AKD4382EVALUATION BOARD REV.A FOR AK4382 1 2 3 4 5 MoreAsahi Kasei Microsystems
AKD5353EVALUATION BOARD REV.B FOR AK5353 1 2 3 4 5 MoreAsahi Kasei Microsystems
MEB90500Customer Evaluation Kit Advance Information 1 2 3 4 5 Mitel Networks Corporation
SP6132EBEvaluation Board Manual 1 2 3 4 5 MoreSipex Corporation
SP693AEvaluation Board Manual 1 2 3 4 5 MoreSipex Corporation
ZXFV202N8EVSINGLE CHANNEL VIDEO AMPLIFIER EVALUATION BOARD 1 2 Zetex Semiconductors
MAX1583MAX1583 Evaluation Kit 1 2 3 4 5 Maxim Integrated Products
MAX2118EVKITMAX2116 Evaluation Kits 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl