Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADXL190EM-1 Datasheet(Arkusz danych) 2 Page - Analog Devices

Numer części ADXL190EM-1
Szczegółowy opis  ADXL105/ADXL150/ADXL250/ADXL190 Evaluation Modules
Pobierz  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

   
 2 page
background image
ACCELEROMETER EVALUATION MODULES
Model
ADXL105
ADXL105
ADXL150
ADXL150
ADXL190
EM-1
EM-3
EM-1
EM-3
EM-1
Parameters
Single Axis
Tri-Axial
Single Axis
Tri-Axial
Single Axis
Units
Remarks
Span
±4
±4
±10
±10
±100
g
±5%
Sensitivity
1
500
500
200
200
20
mV/g
±5%, @ +5.00 V
Bandwidth
DC–100
DC–100
DC–100
DC–100
DC–400
Hz
±5%
Noise
4
4
10
10
40
mg rms
typ
Orientation
Horizontal
Tri-Axial
Horizontal
Tri-Axial
Vertical
Zero g Output
2
+2.5
± 0.1
+2.5
± 0.1
+2.5
± 0.1
+2.5
± 0.1
+2.5
± 0.1
Volts
@ +25
°C, @ +5.00 V
Zero g Drift
3
±0.2
±0.2
±0.2
±0.2
±0.2
g
0
°C to +70°C typ
Span Output
±2.0 ± 0.2
±2.0 ± 0.2
±2.0 ± 0.1
±2.0 ± 0.1
±2.0 ± 0.2
Volts
@ +25
°C, @ +5.00 V
Nonlinearity
4
±0.2
±0.2
±0.2
±0.2
±0.2
% FS
typ
Alignment
±2
±2
±2
±2
±2
Degrees typ
Transverse Sensitivity
5
±3.5
±3.5
±3.5
±3.5
±3.5
% FS
typ
Temperature Range
0 to +70
0 to +70
0 to +70
0 to +70
0 to +70
°C
Shock
500
500
500
500
1000
g
Powered
2000
2000
2000
2000
2000
g
Unpowered
Output Loading
>2 k
Ω, < 1 nF >2 kΩ, < 1 nF >2 kΩ, < 1 nF >2 kΩ, < 1 nF >2 kΩ, < 1 nF
max
Supply Voltage
Specified Performance
+5
± 0.25
+5
± 0.25
+5
± 0.25
+5
± 0.25
+5
± 0.25
Volts
max
Functional Range
+5
± 1
+5
± 1
+5
± 1
+5
± 1
+5
± 1
Volts
typ
Supply Current
3.5
10
3.5
10
3.5
mA
typ
NOTES
1Ratiometric to Supply: V
OUT = (VS/2) – (sensitivity × (VS/5 V) × accel).
2Ratiometric to supply, proportional to V
S/2.
3Zero g Drift is specified as the typical change in 0 g level from its initial value at +25
°C to its worst case value at T
MIN or TMAX.
4Nonlinearity is the deviation from a best fit straight line at full scale.
5Transverse sensitivity is error measured in the primary axis output created by forces induced in the orthogonal axis. Transverse sensitivity error is primarily due to
the effects of misalignment (i.e., much of it can be tuned out by adjusting the package orientation).
6All frequency break points are –3 dB, single pole, –6 dB per octave roll-off.
Specifications subject to change without notice.
REV.C
–2–
ADXL105EM-1/ADXL105EM-3/ADXL150EM-1/ADXL150EM-3/
ADXL190EM-1SPECIFICATIONS




Html Pages

1  2 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
EVAL-AD7472CBEvaluation Board for 12-bit high speed low power successive-approximation ADC 1 2 3 4 5 MoreAnalog Devices
EVAL-ADF4213EB22.35GHz Dual Evaluation Board For PLL Frequency Synthesizer 1 2 3 4 5 MoreAnalog Devices
AKD4382EVALUATION BOARD REV.A FOR AK4382 1 2 3 4 5 MoreAsahi Kasei Microsystems
AKD5353EVALUATION BOARD REV.B FOR AK5353 1 2 3 4 5 MoreAsahi Kasei Microsystems
MEB90500Customer Evaluation Kit Advance Information 1 2 3 4 5 Mitel Networks Corporation
SP6132EBEvaluation Board Manual 1 2 3 4 5 MoreSipex Corporation
SP693AEvaluation Board Manual 1 2 3 4 5 MoreSipex Corporation
ZXFV202N8EVSINGLE CHANNEL VIDEO AMPLIFIER EVALUATION BOARD 1 2 Zetex Semiconductors
MAX1583MAX1583 Evaluation Kit 1 2 3 4 5 Maxim Integrated Products
MAX2118EVKITMAX2116 Evaluation Kits 1 2 3 4 5 MoreMaxim Integrated Products

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl