Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7E3704 Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRF7E3704
Szczegółowy opis  HEXFET POWER MOSFET SURFACE MOUNT (LCC-18)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7E3704 Arkusz danych(HTML) 5 Page - International Rectifier

  IRF7E3704 Datasheet HTML 1Page - International Rectifier IRF7E3704 Datasheet HTML 2Page - International Rectifier IRF7E3704 Datasheet HTML 3Page - International Rectifier IRF7E3704 Datasheet HTML 4Page - International Rectifier IRF7E3704 Datasheet HTML 5Page - International Rectifier IRF7E3704 Datasheet HTML 6Page - International Rectifier IRF7E3704 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRF7E3704
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1

Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
0
4
8
12
16
T , Case Temperature
( C)
°
C

LIMITED BY PACKAGE


Podobny numer części - IRF7E3704

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7E3704 IRF-IRF7E3704 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
IRF7E3704 IRF-IRF7E3704_15 Datasheet
132Kb / 7P
   Avalanche Energy Ratings
More results

Podobny opis - IRF7E3704

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRFE110 IRF-IRFE110 Datasheet
199Kb / 7P
   HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE120 IRF-IRFE120 Datasheet
237Kb / 7P
   HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9120 IRF-IRFE9120 Datasheet
138Kb / 7P
   HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFEA240 IRF-IRFEA240 Datasheet
244Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (LCC-28)
IRHE57Z30 IRF-IRHE57Z30 Datasheet
133Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE57034 IRF-IRHE57034 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9230 IRF-IRHE9230 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9130 IRF-IRHE9130 Datasheet
123Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE7230 IRF-IRHE7230 Datasheet
269Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (LCC-18)
IRHE9110 IRF-IRHE9110 Datasheet
201Kb / 8P
   POWER MOSFET 100V - P CHANNEL SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com