Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC-400-DGC-106A160 Arkusz danych(PDF) 1 Page - Vectron International, Inc

Numer części TC-400-DGC-106A160
Szczegółowy opis  Temperature Compensated Crystal Oscillators (TCXO?셲)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-400-DGC-106A160 Arkusz danych(HTML) 1 Page - Vectron International, Inc

  TC-400-DGC-106A160 Datasheet HTML 1Page - Vectron International, Inc TC-400-DGC-106A160 Datasheet HTML 2Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Temperature Compensated Crystal Oscillators (TCXO’s)
TC-400 (14/4 Single DIP Series)
Description:
Vectron International has introduced a series of
Temperature Compensated Crystal Oscillators (TCXO’s)
available in frequencies from 2 to 160 MHz.
Features:
• Industry Standard 14/4 Single DIP package
• Frequency from 2 to 160 MHz
• 3.3 Vdc or 5 Vdc operation
• All outputs Available (TTL, HCMOS, PECL, Sine)
Performance Characteristics
Frequency:
Available from 2.0 MHz to 160 MHz
Supply Voltage (Vdd):
5.0 Vdc ±5%
(other options are available upon request)
3.3 Vdc ±5%
Current:
Current draw will vary greatly depending on frequency and output type.
For this series TCXO typical current draw will be about 15 mA.
Please consult the factory about your exact current requirements.
Output Type:
HCMOS/ACMOS
2.0 to 160 MHz
10 TTL
2.0 to 160 MHz
PECL
10.0 to 160 MHz
0 dBm/50 ohm
16.384 to 77.76 MHz
Temperature Stability:
B-106 - ±1.0 x 10-6 over
0°C to +50°C
Note: Not all stabilities are available
B-156 - ±1.5 x 10-6 over
0°C to +50°C
with all frequency/output combinations.
C-106 - ±1.0 x 10-6 over
0°C to +70°C
Please consult the factory.
C-156 - ±1.5 x 10-6 over
0°C to +70°C
D-156 - ±1.5 x 10-6 over -20°C to +70°C
D-206 - ±2.0 x 10-6 over -20°C to +70°C
F-156 - ±1.5 x 10-6 over -40°C to +85°C
F-256 - ±2.5 x 10-6 over -40°C to +85°C
NOTE: Tighter stabilities and wider temperature ranges are available, please
consult the factory.
Aging (typical):
<10 ppm for ten years @ +70°C
Frequency vs. Supply:
<±0.2 ppm for a ±5% change in supply voltage
Pin 1 Options:
A = Electrical Frequency Adjust -- ±10 ppm minimum via external
voltage, 0 to Vdd - positive slope
B = Tri-state -- HCMOS/TTL
Enable/Disable -- PECL
C = No connect -- Initial Accuracy ±2.5 ppm @ +25°C
Package Size:
20.32 x 12.70 x 10.287 mm (0.80” x 0.50” x 0.405”)
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Parameter
Characteristic
58
8798_AA's Vectron
05/30/02
3:11 PM
Page 58


Podobny numer części - TC-400-DGC-106A160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC-400-TM-X ETC1-TC-400-TM-X Datasheet
271Kb / 1P
   TNC Male (Plug) Straight Solder Pin No Braid Rtim Connector for LMR-400 Cable
F
More results

Podobny opis - TC-400-DGC-106A160

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kyocera Kinseki Corpota...
KT2520F26000ACW18TXX KSS-KT2520F26000ACW18TXX Datasheet
224Kb / 1P
   Temperature Compensated Crystal Oscillators (TCXO)
logo
Nel Frequency Controls,...
AN-XC2XXXX-X NEL-AN-XC2XXXX-X Datasheet
162Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
Fox Electronics
FOX759 FOX-FOX759 Datasheet
423Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
FOX729 FOX-FOX729 Datasheet
219Kb / 1P
   TCXO SMD TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
Nel Frequency Controls,...
AN-XA32CXXX-X NEL-AN-XA32CXXX-X Datasheet
161Kb / 3P
   temperature compensated crystal oscillators (TCXO/VCTCXO)
logo
MTRONPTI
MTCO25A MTRONPTI-MTCO25A Datasheet
59Kb / 1P
   Surface Mount Temperature Compensated Crystal Oscillators (TCXO)
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
MTRONPTI
MTCO31 MTRONPTI-MTCO31 Datasheet
59Kb / 1P
   Dual In Line Package Temperature Compensated Crystal Oscillators (TCXO)
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com