Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC8831IBDR Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części DAC8831IBDR
Szczegółowy opis  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8831IBDR Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  DAC8831IBDR Datasheet HTML 1Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 2Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 3Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 4Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 5Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 6Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 7Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 8Page - Burr-Brown (TI) DAC8831IBDR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
BurrBrown Products
from Texas Instruments
OP
A132
IVC102
DAC8831
®
FEATURES
DESCRIPTION
APPLICATIONS
DAC
DAC8830
SDI
SCLK
CS
V
REF
DGND
V
OUT
AGND
Input
Register
DAC Latch
RFB
INV
AGNDF
AGNDS
DGND
DAC
DAC Latch
Input
Register
DAC8831
DAC8831
Functional Block Diagram
DAC8830
Functional Block Diagram
+
+V
−V
OPA277
OPA704
OPA727
SDI
SCLK
LDAC
V
OUT
V
O
V
DD
R
FB
R
INV
V
REF−F
V
REF− S
V
DD
CS
DAC8830
DAC8831
SLAS449C – FEBRUARY 2005 – REVISED NOVEMBER 2006
16-Bit, Ultra-Low Power, Voltage-Output
Digital-to-Analog Converters
• 16-Bit Resolution
The DAC8830 and DAC8831 are single, 16-bit,
serial-input,
voltage-output
digital-to-analog
• 2.7 V to 5.5 V Single-Supply Operation
converters (DACs) operating from a single 3 V to 5 V
• Very Low Power: 15 µW for 3 V Power
power supply. These converters provide excellent
• High Accuracy, INL: 1 LSB
linearity (1 LSB INL), low glitch, low noise, and fast
• Low Glitch: 10 nV-s
settling (1.0
µS to 1/2 LSB of full-scale output) over
the specified temperature range of –40
°C to +85°C.
• Low Noise: 10 nV/√Hz
The output is unbuffered, which reduces the power
• Fast Settling: 1.0 µS
consumption and the error introduced by the buffer.
• Fast SPI™ Interface, up to 50 MHz
These parts feature a standard high-speed (clock up
• Reset to Zero-Code
to 50 MHz), 3 V or 5 V SPI serial interface to
• Schmitt-Trigger Inputs for Direct Optocoupler
communicate with the DSP or microprocessors.
Interface
The DAC8830 output is 0 V to VREF. However, the
• Industry-Standard Pin Configuration
DAC8831 provides bipolar output (
±V
REF)
when
working with an external buffer. The DAC8830 and
DAC8831 are both reset to zero-code after power
up. For optimum performance, a set of Kelvin
• Portable Equipment
connections to external reference and analog ground
• Automatic Test Equipment
input are provided on the DAC8831.
• Industrial Process Control
The DAC8830 is available in an SO-8 package, and
• Data Acquisition Systems
the DAC8831 in an SO-14 package. Both have
• Optical Networking
industry
standard
pinouts
(see
Table
3,
the
cross-reference table in the Application Information
section for details). The DAC8831 is also available in
a QFN-14 package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corp.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - DAC8831IBDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8831IBDR TI1-DAC8831IBDR Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBDRG4 TI1-DAC8831IBDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

Podobny opis - DAC8831IBDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com