Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1SS400G Arkusz danych(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Numer części 1SS400G
Szczegółowy opis  High Speed SWITCHING Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Strona internetowa  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

1SS400G Arkusz danych(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  1SS400G Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
SOD-723 Plastic-Encapsulate Diodes
1SS400G High Speed SWITCHING Diodes
FEATURES
+
Small surface mounting type
High Speed
High reliability with high surge current handing capability
-
MARKING:7
Maximum Ratings and Electrical Characteristics, Single Diode @TA=25
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
90
V
DC reverse voltage
VR
80
V
Peak forward current
IFM
225
mA
Mean rectifying current
IO
100
mA
Surge current (1s)
Isurge
500
mA
Junction temperature
Tj
125
Storage temperature
Tstg
-55~+125
Electrical Ratings @TA=25
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
1.2
V
IF=100mA
Reverse current
IR
0.1
µA
VR=80V
Capacitance between terminals
CT
3.0
pF
VR=0.5V, f=1MHZ
Reverse recovery time
trr
4
ns
VR=6V,IF=10mA,RL=100Ω
SOD-723


Podobny numer części - 1SS400G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
1SS400G PANJIT-1SS400G Datasheet
183Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Zibo Seno Electronic En...
1SS400G ZSELEC-1SS400G Datasheet
164Kb / 3P
   Silicon Epitaxial Planar Switching Diode
logo
TRANSYS Electronics Lim...
1SS400G TEL-1SS400G Datasheet
92Kb / 2P
   Plastic-Encapsulate Diodes
logo
Rohm
1SS400G ROHM-1SS400G Datasheet
1Mb / 5P
   Switching Diode
logo
Guangdong Kexin Industr...
1SS400G KEXIN-1SS400G Datasheet
33Kb / 1P
   High Speed Switching Diodes
More results

Podobny opis - 1SS400G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com