Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A63157 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A63157
Szczegółowy opis  12-OHM SPDT ANALOG SWITCH
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TS5A63157 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button TS5A63157 Datasheet HTML 6Page - Texas Instruments TS5A63157 Datasheet HTML 7Page - Texas Instruments TS5A63157 Datasheet HTML 8Page - Texas Instruments TS5A63157 Datasheet HTML 9Page - Texas Instruments TS5A63157 Datasheet HTML 10Page - Texas Instruments TS5A63157 Datasheet HTML 11Page - Texas Instruments TS5A63157 Datasheet HTML 12Page - Texas Instruments TS5A63157 Datasheet HTML 13Page - Texas Instruments TS5A63157 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
TS5A63157
12-
Ω SPDT ANALOG SWITCH
5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
SCDS203 – DECEMBER 2005
V
+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
VCOM, VNO,
0
V+
V
range
VNC
Voltage
VIKU
0
≥ (I
NC, INO, or ICOM) ≥ – 50 mA
1.95 V
V
undershoot
Peak
25
°C
13.8
60
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
ON-state
rpeak
1.65 V
ICOM = –4 mA,
See Figure 13
Full
120
resistance
25
°C
5.9
15
VNO or VNC = 0,
ICOM = 4 mA
Full
15
ON-state
Switch ON,
ron
1.65 V
resistance
See Figure 13
25
°C
12.8
40
VNO or VNC = 1.65 V,
ICOM = –4 mA
Full
45
ON-state
25
°C
0.1
0.5
resistance
VNO or VNC = 1.15 V,
Switch ON,
match
∆r
on
1.65 V
ICOM = –4 mA,
See Figure 13
Full
0.8
between
channels
ON-state
25
°C
26.5
60
0
≤ (V
NO or VNC) ≤ V+,
Switch ON,
resistance
ron(flat)
1.65 V
ICOM = –4 mA,
See Figure 13
Full
80
flatness
25
°C
0
0.03
INC(OFF),
VNC or VNO = 0 to V+,
Switch OFF,
1.95 V
NC, NO
INO(OFF)
VCOM = V+ to 0,
See Figure 14
Full
0.05
OFF leakage
µA
25
°C
0.15
0.05
INC(PWROFF),
VNC or VNO = 0 to 1.95 V,
Switch OFF,
current
0
INOPWROFF)
VCOM = 1.95 V to 0,
See Figure 14
Full
0.75
COM
25
°C
0.2
0.5
VCOM = 0 to 1.95 V,
Switch ON,
OFF leakage
ICOM(PWROFF)
0
µA
VNC or VNO = 1.95 V to 0,
See Figure 14
Full
1
current
NC, NO
25
°C
0.001
0.01
INC(ON),
VNC or VNO = 0 to V+,
Switch ON,
ON leakage
1.95 V
µA
INO(ON)
VCOM = Open,
See Figure 15
Full
0.02
current
COM
25
°C
0.003
0.03
VNC or VNO = Open,
Switch ON,
ON leakage
ICOM(ON)
1.95 V
µA
VCOM = 0 to V+,
See Figure 15
Full
0.05
current
Digital Control Input (IN)
V+
Input logic high
VIH
Full
5.5
V
× 0.75
VIL
Full
V+
Input logic low
0
V
× 0.25
25
°C
0.005
0.01
Input leakage
IIH, IIL
VI = 5.5 V or 0
1.95 V
µA
current
Full
0.02
10


Podobny numer części - TS5A63157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A63157 TI1-TS5A63157 Datasheet
810Kb / 32P
[Old version datasheet]   12-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVR TI1-TS5A63157DBVR Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRE4 TI1-TS5A63157DBVRE4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A63157DCKR TI1-TS5A63157DCKR Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS5A63157

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3157 TI-TS5A3157 Datasheet
396Kb / 26P
[Old version datasheet]   10-ohm SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
123Kb / 12P
   1-Ohm Low Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com