Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMP9517S Arkusz danych(PDF) 5 Page - Summit Microelectronics, Inc.

Numer części SMP9517S
Szczegółowy opis  Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMMIT [Summit Microelectronics, Inc.]
Strona internetowa  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9517S Arkusz danych(HTML) 5 Page - Summit Microelectronics, Inc.

  SMP9517S Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9517S Datasheet HTML 8Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SMP9517
5
SUMMIT MICROELECTRONICS, Inc.
2035 3.0 5/10/00
RELIABILITY CHARACTERISTICS
2035 Table03 3.0
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Accuracy
INL
Integral Non-Linearity
ILOAD = 100µA,
0.5
±1
LSB
DNL
Differential Non-Linearity
ILOAD = 100µA,
0.1
±0.5
LSB
Guaranteed but not tested
References VH
VREFH Input Voltage
VREFL
VDD
V
VL
VREFL Input Voltage
Gnd
VREFH
V
RIN
VREFH to VREFL Resistance
38k
TCRIN
Temperature Coefficient
VREFH to VREFL
600
ppm/°C
of RIN
Analog
GEFS
Full-Scale Gain Error
DATA = FFHEX
±1
LSB
Output
VOUTZS
Zero-Scale Output Voltage DATA = 00HEX
020
mV
TCVOUT
VOUT Temperature
VDD = 5, ILOAD = 50µA,
Coefficient
VREFH = 5V, VREFL = 0V
50
µV/°C
Guaranteed but not tested
IL
Amplifier Output Load Current
-200
1000
µA
ROUT
Amplifier Output Resistance ILOAD = 100µA VDD = 5V
10
VDD = 3V
20
PSRR
Power Supply Rejection
ILOAD = 10µA
1
LSB/V
eN
Amplifier Output Noise
f = 1kHz, VDD = 5V
90
nV/
√HZ
THD
Total Harmonic Distortion
VIN = 1VRMS, f = 1kHz
0.08
%
BW
Bandwidth –3dB
VIN = 100mVRMS
300
kHz
DAC DC ELECTRICAL CHARACTERISTICS
VDD = 2.7V to 5.5V, VREFH = VDD, VREFL = 0V, TA = –40°C to 85°C, unless specified otherwise
2017 PGM T3.4
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P.
n
i
M.
x
a
Mt
i
n
U
V
P
A
Z
y
t
il
i
b
i
t
p
e
c
s
u
s
D
S
E0
0
0
2V
I
H
T
L
p
u
h
c
t
a
L0
0
1A
m
T
R
D
n
o
a
i
t
n
e
t
e
r
a
t
a
D0
0
1s
r
a
e
Y
N
D
N
E
e
c
n
a
r
u
d
n
E0
0
0
,
0
0
0
,
1s
e
r
o
t
S


Podobny numer części - SMP9517S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
   P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
   Dual 10-bit Nonvolatile DAC
More results

Podobny opis - SMP9517S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
   Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
   Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
   Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
   Quad 10-Bit Nonvolatile DACPOT
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com