Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HLMP-SG10 Arkusz danych(PDF) 4 Page - Agilent(Hewlett-Packard)

Numer części HLMP-SG10
Szczegółowy opis  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HP [Agilent(Hewlett-Packard)]
Strona internetowa  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SG10 Arkusz danych(HTML) 4 Page - Agilent(Hewlett-Packard)

  HLMP-SG10 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SG10 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Absolute Maximum Ratings
TA = 25°C
Parameter
Blue and Green
Amber and Red
DC Forward Current[1]
30 mA
50 mA
Peak Pulsed Forward Current
100 mA
100 mA
Average Forward Current
30 mA
30 mA
Reverse Voltage (IR = 100 µA)
5 V
5 V
Power Dissipation
120 mW
120 mW
LED Junction Temperature
130
°C
130
°C
Operating Temperature Range
–40
°C to +80°C
–40
°C to +100°C
Storage Temperature Range
–40
°C to +100°C
–40
°C to +120°C
Soldering Temperature
260
° for 5 sec
260
° for 5 sec
Note:
1. Derate linearly as shown in Figures 6 and 7.
Part Numbering System
HLMP - x x xx - x x x xx
Mechanical Options
00: Bulk Packaging
DD: Ammo Pack
YY: Flexi-Bin; Bulk Packaging
ZZ: Flexi-Bin; Ammo Pack
Color Bin & VF Selections
0: No Color Bin Limitation
R: Amber Color Bins 1, 2, 4, and 6 with VF Maximum of 2.6 V
T: Red Color with VF Maximum of 2.6 V
V: Amber Color Bins 1, 2, 4, and 6 with VF Maximum of 2.6 V
Maximum Intensity Bin
0: No Iv Bin Limitation
Minimum Intensity Bin
Refer to Device Selection Guide
Color
B: 470 nm Blue
D: 630 nm Red
G: 626 nm Red
L: 590/592 nm Amber
M: 526 nm Green
Package
R: 4 mm 60º x 120º Oval, Parallel
S: 4 mm 60º x 120º Oval, Perpendicular


Podobny numer części - HLMP-SG10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SG10 AVAGO-HLMP-SG10 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-SG10-JM000 AVAGO-HLMP-SG10-JM000 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

Podobny opis - HLMP-SG10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com