Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STC825M Arkusz danych(PDF) 7 Page - List of Unclassifed Manufacturers

Numer części STC825M
Szczegółowy opis  UP Supervisor Circuits
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC1 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC1 - List of Unclassifed Manufacturers

STC825M Arkusz danych(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STC825M Datasheet HTML 3Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 4Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 5Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 6Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 7Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 8Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 9Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 10Page - List of Unclassifed Manufacturers STC825M Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Data Sheet
STC803/809/810-811/812/-823/824/825-6342/6343/6344/6345
µµµµµP Supervisor Circuits
--------------------------------------------------------------------------------------------------------------------------------------------------------------------------
STC
Ver1.0
Functional Description
Reset Output
A microprocessor’s (µP’s) reset input starts the µP in a known
state. Whenever the µP is in an unknown state, it should be
held in reset. The supervisory circuits assert reset during power-
up and prevent code execution errors during power-down or
brownout conditions.
On power-up, once Vcc reaches about 1.0V, RESET is a
guaranteed logic low of 0.4V or less. As Vcc rises, RESET stays
low. When Vcc rises above the reset threshold, an internal timer
releases RESET after about 200ms. RESET pulses low whenever
Vcc drops below the reset threshold, i.e. brownout condition.
If brownout occurs in the middle of a previously initiated reset
pulse, the pulse continues for at least another 200ms. On power-
down, once Vcc falls below the reset threshold, RESET stays
low and is guaranteed to be 0.4V or less until Vcc drops below
1.0V. Fig 4 shows the timing relationship.
The active-high RESET output is simply the inverse of the
RESET output, and is guaranteed to be valid with Vcc down to
1.0V.
Watchdog Timer
The STC823/824 watchdog circuit monitors the
µP’s activity. If
the
µP does not toggle the watch-dog input (WDI) within 1.6s,
reset asserts. As long as reset is asserted or the WDI input is
toggled, the watchdog timer will stay clear and will not count.
As soon as reset is released, the timer will start counting. WDI
input pulses as short as 50ns can be detected.
Disable the watchdog function by leaving WDI unconnected
or by three-stating driver connected to WDI.
Manual Reset
The manual-reset input (MR) allows reset to be triggered by a
push button switch. MR has an internal pullup resistor, so it
can be left open when not used.
Power-Fail Comparator
The power-fail comparator can be used for various purposes
because its output and noninverting input are not internally
connected. The inverting input is internally connected to a
1.25V reference.
Figure 3. Typical Application Circuit
DC Linear
Regulator
Vcc
Supervisory
PFI
Circuit
WDI
µ
µµ
µP
Vcc
RESET
I/O Line
Interrupt
IN
RESET
PFO
MR
µ
µµ
µP


Podobny numer części - STC825M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Suntac Electronic Corp.
STC8050 SUNTAC-STC8050 Datasheet
98Kb / 2P
   NPN Silicon Transistor
logo
AUK corp
STC8050N AUK-STC8050N Datasheet
244Kb / 4P
   NPN Silicon Transistor
STC8050SF AUK-STC8050SF Datasheet
258Kb / 4P
   NPN Silicon Transistor
logo
List of Unclassifed Man...
STC813L ETC1-STC813L Datasheet
58Kb / 7P
   UP Supervisor Circuits
STC813M ETC1-STC813M Datasheet
58Kb / 7P
   UP Supervisor Circuits
More results

Podobny opis - STC825M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pericom Semiconductor C...
PT7A7511-15 PERICOM-PT7A7511-15 Datasheet
370Kb / 9P
   uP Supervisor Circuits
logo
List of Unclassifed Man...
STC705 ETC1-STC705 Datasheet
58Kb / 7P
   UP Supervisor Circuits
logo
Alliance Semiconductor ...
ASM705 ALSC-ASM705 Datasheet
190Kb / 15P
   Low Power UP Supervisor Circuits
AS705 ALSC-AS705 Datasheet
198Kb / 16P
   Low Power uP Supervisor Circuits
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Pericom Semiconductor C...
PT7A7511 PERICOM-PT7A7511_14 Datasheet
311Kb / 8P
   Supervisor Circuits
logo
Diodes Incorporated
PT7A7511 DIODES-PT7A7511 Datasheet
1Mb / 11P
   μP Supervisor Circuits
August 2020 Rev 1-3
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
Fairchild Semiconductor
FM810LS3X FAIRCHILD-FM810LS3X Datasheet
460Kb / 9P
   3-Pin UC Supervisor Circuits
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin UC Supervisor Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com