Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-TS201SABP-X Arkusz danych(PDF) 5 Page - Analog Devices

Numer części ADSP-TS201SABP-X
Szczegółowy opis  TigerSHARC-R Embedded Processor
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-TS201SABP-X Arkusz danych(HTML) 5 Page - Analog Devices

  ADSP-TS201SABP-X Datasheet HTML 1Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 2Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 3Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 4Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 5Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 6Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 7Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 8Page - Analog Devices ADSP-TS201SABP-X Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
ADSP-TS201S
Preliminary Technical Data
Rev. PrH
|
Page 5 of 40
|
December 2003
Because the IALU’s computational pipeline is one cycle deep, in
most cases integer results are available in the next cycle. Hard-
ware (register dependency check) causes a stall if a result is
unavailable in a given cycle.
PROGRAM SEQUENCER
The ADSP-TS201S processor’s program sequencer supports the
following:
• A fully interruptible programming model with flexible pro-
gramming in assembly and C/C++ languages; handles
hardware interrupts with high throughput and no aborted
instruction cycles
• A ten-cycle instruction pipeline—four-cycle fetch pipe and
six-cycle execution pipe—computation results available
two cycles after operands are available
• Supply of instruction fetch memory addresses; the
sequencer’s Instruction Alignment Buffer (IAB) caches up
to five fetched instruction lines waiting to execute; the pro-
gram sequencer extracts an instruction line from the IAB
and distributes it to the appropriate core component for
execution
• Management of program structures and program flow
determined according to JUMP, CALL, RTI, RTS instruc-
tions, loop structures, conditions, interrupts, and software
exceptions
• Branch prediction and a 128-entry branch target buffer
(BTB) to reduce branch delays for efficient execution of
conditional and unconditional branch instructions and
zero-overhead looping; correctly predicted branches that
are taken occur with zero overhead cycles, overcoming the
five-to-nine stage branch penalty
• Compact code without the requirement to align code in
memory; the IAB handles alignment
Interrupt Controller
The DSP supports nested and nonnested interrupts. Each inter-
rupt type has a register in the interrupt vector table. Also, each
has a bit in both the interrupt latch register and the interrupt
mask register. All interrupts are fixed as either level-sensitive or
edge-sensitive, except the IRQ3–0 hardware interrupts, which
are programmable.
The DSP distinguishes between hardware interrupts and soft-
ware exceptions, handling them differently. When a software
exception occurs, the DSP aborts all other instructions in the
instruction pipe. When a hardware interrupt occurs, the DSP
continues to execute instructions already in the instruction pipe.
Flexible Instruction Set
The 128-bit instruction line, which can contain up to four 32-bit
instructions, accommodates a variety of parallel operations for
concise programming. For example, one instruction line can
direct the DSP to conditionally execute a multiply, an add, and a
subtract in both computation blocks while it also branches to
another location in the program. Some key features of the
instruction set include:
• CLU instructions for communications infrastructure to
govern Trellis Decoding (for example, Viterbi and Turbo
decoders) and Despreading via complex correlations
• Algebraic assembly language syntax
• Direct support for all DSP, imaging, and video arithmetic
types
• Eliminates toggling DSP hardware modes because modes
are supported as options (for example, rounding, satura-
tion, and others) within instructions
• Branch prediction encoded in instruction; enables zero-
overhead loops
• Parallelism encoded in instruction line
• Conditional execution optional for all instructions
• User defined partitioning between program and data
memory
DSP MEMORY
The DSP’s internal and external memory is organized into a
unified memory map, which defines the location (address) of all
elements in the system, as shown in Figure 3.
The memory map is divided into four memory areas—host
space, external memory, multiprocessor space, and internal
memory—and each memory space, except host memory, is sub-
divided into smaller memory spaces.
The ADSP-TS201S processor internal memory has 24M bits of
on-chip DRAM memory, divided into six blocks of 4M bits
(128K words × 32 bits). Each block—M0, M2, M4, M6, M8, and
M10—can store program, data, or both, so applications can
configure memory to suit specific needs. Placing program
instructions and data in different memory blocks, however,
enables the DSP to access data while performing an instruction
fetch. Each memory segment contains a 128K bit cache to
enable single cycle accesses to internal DRAM.
The six internal memory blocks connect to the four 128-bit wide
internal buses through a crossbar connection, enabling the DSP
to perform four memory transfers in the same cycle. The DSP’s
internal bus architecture provides a total memory bandwidth of
33.6G bytes per second, enabling the core and I/O to access
eight 32-bit data words and four 32-bit instructions each cycle.
The DSP’s flexible memory structure enables:
• DSP core and I/O accesses to different memory blocks in
the same cycle
• DSP core access to three memory blocks in parallel—one
instruction and two data accesses
• Programmable partitioning of program and data memory
• Program access of all memory as 32-, 64-, or 128-bit
words—16-bit words with the DAB


Podobny numer części - ADSP-TS201SABP-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-TS201SABP-050 AD-ADSP-TS201SABP-050 Datasheet
1Mb / 48P
   TigerSHARC-R Embedded Processor
Rev. C
ADSP-TS201SABP-060 AD-ADSP-TS201SABP-060 Datasheet
1Mb / 48P
   TigerSHARC-R Embedded Processor
Rev. C
More results

Podobny opis - ADSP-TS201SABP-X

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-TS201S AD-ADSP-TS201S_06 Datasheet
1Mb / 48P
   TigerSHARC-R Embedded Processor
Rev. C
ADSP-TS101SAB1Z100 AD-ADSP-TS101SAB1Z100 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS203S AD-ADSP-TS203S Datasheet
609Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-2101BS-100 AD-ADSP-2101BS-100 Datasheet
667Kb / 48P
   TigerSHARC Embedded Processor
REV. B
ADSP-TS101S AD-ADSP-TS101S_09 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-TS101S AD-ADSP-TS101S_15 Datasheet
685Kb / 48P
   TigerSHARC Embedded Processor
Rev. C
ADSP-TS202S AD-ADSP-TS202S Datasheet
615Kb / 40P
   TigerSHARC Embedded Processor
Rev. PrB
ADSP-TS202S AD-ADSP-TS202S_06 Datasheet
1Mb / 48P
   TigerSHARC Embedded Processor
REV. C
ADSP-BF542 AD-ADSP-BF542 Datasheet
1Mb / 64P
   Embedded Processor
Rev. PrG
logo
Applied Micro Circuits ...
405EXR AMCC-405EXR Datasheet
176Kb / 2P
   Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com